Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPR.A Datasheet(PDF) 69 Page - Texas Instruments

Part # ADS5294IPFPR.A
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 65Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 66Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 67Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 68Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 69Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 70Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 71Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 72Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
69
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
11 Power Supply Recommendations
The device requires three supplies in order to operate properly. These supplies are AVDD and LVDD. All
supplies must be driven with low-noise sources to be able to achieve the best performance from the device.
When determining the drive current needed to drive each of the supplies of the device, a margin of 50-100% over
the typical current might be needed to account for the current consumption across different modes of operation.
Please also refer to Reset Timing after power up.
12 Layout
12.1 Layout Guidelines
A single ground plane is sufficient to give good performance, provided the analog, digital, and clock sections of
the board are cleanly partitioned. See the ADS5294VM Evaluation Module (SLAU355) for placement of
components, routing, and grounding.
Because the ADS5294 already includes internal decoupling, minimal external decoupling can be used without
loss in performance. For example, the ADS5294EVM uses a single 0.1-µF decoupling capacitor for each supply,
placed close to the device supply pins.
The exposed pad at the bottom of the package is the main path for heat dissipation. Solder the pad to a ground
plane on the PCB for best thermal performance. The pad must be connected to the ground plane through the
optimum number of vias.
See TI’s thermal Web site at www.ti.com/thermal for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com