Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TA Datasheet(PDF) 16 Page - RAMXEED LIMITED

Part # MB85RC64TA
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TA Datasheet(HTML) 16 Page - RAMXEED LIMITED

Back Button MB85RC64TA Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 17Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 18Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 19Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 20Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MB85RC64TA
16
DS501-00044-5v1-E
2. AC Characteristics
*1: 300 ns @VDD  2.7 V
*2: 600 ns @VDD  2.7 V
*3: 550 ns @VDD  2.7 V
*4: 20 ns @VDD  2.7 V
AC characteristics were measured under the following measurement conditions.
Power supply voltage
: 1.8 V to 3.6 V
Operation ambient temperature :  40 C to  105 C
Input voltage magnitude
: Vss to VDD
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
Output load capacitance
: 100 pF
Parameter
Symbol
Value
Unit
STANDARD
MODE
FAST MODE
FAST MODE
PLUS
HIGH SPEED
MODE
Min
Max
Min
Max
Min
Max
Min
Max
SCL clock frequency
FSCL
0
100
0
400
0
1000
0
3400 kHz
Clock high time
THIGH
4000
600
260*1
60
ns
Clock low time
TLOW
4700
1300
500*2
160
ns
SCL/SDA rising time
Tr
1000
300
300
80
ns
SCL/SDA falling time
Tf
300
300
120
80
ns
Start condition hold
THD:STA
4000
600
250
160
ns
Start condition setup
TSU:STA
4700
600
250
160
ns
SDA input hold
THD:DAT
0
0
0
0
ns
SDA input setup
TSU:DAT
250
100
50
15*4
ns
SDA output hold
TDH:DAT
0
0
0
0
ns
Stop condition setup
TSU:STO
4000
600
250
160
ns
SDA output access af-
ter SCL falling
TAA
3000
900
450*3
130
ns
Pre-charge time
TBUF
4700
1300
500
300
ns
Noise suppression
time
(SCL and SDA)
TSP
50
50
50
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com