Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64TA Datasheet(PDF) 25 Page - RAMXEED LIMITED

Part # MB85RC64TA
Description  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TA Datasheet(HTML) 25 Page - RAMXEED LIMITED

Back Button MB85RC64TA Datasheet HTML 21Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 22Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 23Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 24Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 25Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 26Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 27Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 28Page - RAMXEED LIMITED MB85RC64TA Datasheet HTML 29Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
MB85RC64TA
DS501-00044-5v1-E
25
MARKING(Example) continued.
(3) MB85RC64TAPNF-G-AME2/MB85RC64TAPNF-G-AMERE2
(4)MB85RC64TAPN-G-AMEWE1
[]MB85RC64TAPNF-G-AME2]
[MB85RC64TAPNF-G-AMERE2]
[8-pin plastic SOP, 150mil]
RC64TA : Product name
21900: 2 (Lead free code) + 1900(Year and Week code)
000 : Trace code
:
RC64T A
21900
000
[MB85RC64TAPN-G-AMEWE1]
[8-pin plastic SON ]
C64TA
1900
000
C64TA : Product name
1900 : Year and Week code
000 : Trace code
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com