Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH80
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH80_V01 Datasheet HTML 1Page - STMicroelectronics TSH80_V01 Datasheet HTML 2Page - STMicroelectronics TSH80_V01 Datasheet HTML 3Page - STMicroelectronics TSH80_V01 Datasheet HTML 4Page - STMicroelectronics TSH80_V01 Datasheet HTML 5Page - STMicroelectronics TSH80_V01 Datasheet HTML 6Page - STMicroelectronics TSH80_V01 Datasheet HTML 7Page - STMicroelectronics TSH80_V01 Datasheet HTML 8Page - STMicroelectronics TSH80_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
November 2024
DocID009413 Rev 10
1/27
TSH80, TSH82
Wide-band rail-to-rail operational amplifiers with standby function
Datasheet
- production data
Features
• Operating range from 4.5 to 12 V
• 3 dB-bandwidth: 100 MHz
• Slew rate 100 V/µs
• Output current up to 55 mA
• Input single supply voltage
• Output rail-to-rail
• Specified for 150 Ω loads
• Low distortion, THD 0.1%
• SOT23-5 and SO8 packages
• Automotive qualification
Applications
• Video buffers
• A/D converter drivers
• Hi-fi applications
Description
The TSH8x series offers single, dual and quad
operational amplifiers featuring high video
performance with large bandwidth, low distortion
and excellent supply voltage rejection. These
amplifiers also feature large output voltage
swings and a high output current capability to
drive standard 150
Ω loads.
Running at single or dual supply voltages ranging
from 4.5 to 12 V, these amplifiers are tested at 5 V
(±2.5 V) and 10 V (±5 V) supplies.
For board space and weight saving, the TSH8x
series is proposed in SOT23-5 and SO8 plastic
micropackages.
www.st.com


Similar Part No. - TSH80_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH80DT STMICROELECTRONICS-TSH80DT Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TSH80I STMICROELECTRONICS-TSH80I Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TSH80ID STMICROELECTRONICS-TSH80ID Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TSH80ID STMICROELECTRONICS-TSH80ID Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH80ID/DT STMICROELECTRONICS-TSH80ID/DT Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
More results

Similar Description - TSH80_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
Wide-Band, Low-Power Operational Amplifiers with Standby
Mar-2006
logo
Texas Instruments
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
logo
Global Mixed-mode Techn...
G1564 GMT-G1564 Datasheet
416Kb / 1P
Quadruple Rail-to-Rail Operational Amplifiers
G1582 GMT-G1582 Datasheet
604Kb / 1P
Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com