Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH80
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH80_V01 Datasheet HTML 6Page - STMicroelectronics TSH80_V01 Datasheet HTML 7Page - STMicroelectronics TSH80_V01 Datasheet HTML 8Page - STMicroelectronics TSH80_V01 Datasheet HTML 9Page - STMicroelectronics TSH80_V01 Datasheet HTML 10Page - STMicroelectronics TSH80_V01 Datasheet HTML 11Page - STMicroelectronics TSH80_V01 Datasheet HTML 12Page - STMicroelectronics TSH80_V01 Datasheet HTML 13Page - STMicroelectronics TSH80_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical characteristics
TSH80, TSH82
10/27
DocID009413 Rev 10
Table 4. Electrical characteristics at VCC
+ = +5 V, V
CC
- = -5 V, V
ic = GND, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
|Vio|
Input offset voltage
Tamb = 25 °C
Tmin < Tamb < Tmax
0.8
10
12
mV
∆V
io/∆T
Input offset voltage drift vs.
temperature
Tmin < Tamb < Tmax
2
µV/°C
Iio
Input offset current
Tamb = 25 °C
Tmin < Tamb < Tmax
0.1
3.5
5
µA
Iib
Input bias current
Tamb = 25 °C
Tmin < Tamb < Tmax
6
15
20
Cin
Input capacitance
0.7
pF
ICC
Supply current per operator
Tamb = 25 °C
Tmin < Tamb < Tmax
9.8
12.3
13.4
mA
CMR
Common mode rejection ratio
(
∆V
ic/∆Vio)
-4.9 < Vic < 3.9 V and Vout = GND
Tamb = 25 °C
Tmin < Tamb < Tmax
81
72
106
dB
SVR
Supply voltage rejection ratio
(
∆V
CC/∆Vio)
Tamb = 25 °C
Tmin < Tamb < Tmax
71
65
77
PSR
Power supply rejection ratio
(
∆V
CC/∆Vout)
Positive and negative rail
75
Avd
Large signal voltage gain
RL = 150 Ω connected to GND and
Vout = -4 to +4
Tamb = 25 °C
Tmin < Tamb < Tmax
75
70
86
Io
|Source|
Vid = +1, Vout connected to 1.5 V
Tamb = 25 °C
Tmin < Tamb < Tmax
35
28
55
mA
Sink
Vid = -1, Vout connected to 1.5 V
Tamb = 25 °C
Tmin < Tamb < Tmax
30
28
55
Voh
High-level output voltage
Tamb = 25 °C
RL = 150 Ω connected to GND
RL = 600 Ω connected to GND
RL = 2 kΩ connected to GND
RL = 10 kΩ connected to GND
Tmin < Tamb < Tmax
RL = 150 Ω connected to GND
4.2
4.1
4.36
4.85
4.9
4.93
V
Vol
Low-level output voltage
Tamb = 25 °C
RL = 150 Ω connected to GND
RL = 600 Ω connected to GND
RL = 2 kΩ connected to GND
RL = 10 kΩ connected to GND
Tmin < Tamb < Tmax
RL = 150 Ω connected to GND
-4.63
-4.86
-4.9
-4.93
-4.4
-4.3
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com