Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV782IQ2T Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSV782IQ2T
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV782IQ2T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSV782IQ2T Datasheet HTML 16Page - STMicroelectronics TSV782IQ2T Datasheet HTML 17Page - STMicroelectronics TSV782IQ2T Datasheet HTML 18Page - STMicroelectronics TSV782IQ2T Datasheet HTML 19Page - STMicroelectronics TSV782IQ2T Datasheet HTML 20Page - STMicroelectronics TSV782IQ2T Datasheet HTML 21Page - STMicroelectronics TSV782IQ2T Datasheet HTML 22Page - STMicroelectronics TSV782IQ2T Datasheet HTML 23Page - STMicroelectronics TSV782IQ2T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Figure 42. EMIRR on In+ and In- pins
EMIRR performances might be improved by adding small capacitances (in the pF range) on the inputs, power
supply and output pins. These capacitances help minimize the impedance of these nodes at high frequencies.
5.6
Maximum power dissipation
The usable output load current drive is limited by the maximum power dissipation allowed by the device package.
The absolute maximum junction temperature for the TSV78x is 150 °C. The junction temperature can be
estimated as follows:
TJ=PD×θJA+TA
(10)
TJ is the die junction temperature
PD is the power dissipated in the package
θJA is the junction to ambient thermal resistance of the package.
TA is the ambient temperature.
The power dissipated in the package PD is the sum of the quiescent power dissipated and the power dissipated
by the output stage transistor. It is calculated as follows:
PD= VCC×ICC + VCC+−VOUT ×ILoadwhentheopampissourcingthecurrent.
PD= VCC×ICC + VOUT−VCC− ×ILoadwhentheopampissinkingthecurrent.
Do not exceed the 150 °C maximum junction temperature for the device. Exceeding the junction temperature limit
can cause degradation in the parametric performance or even destroy the device.
5.7
Capacitive load and stability
A stability analysis must be performed for large capacitive loads over 22 pF. Increasing the load capacitance to
high values produces gain peaking in the frequency response, with overshoot and ringing in the step response.
Generally, unity gain configuration is the worst situation for stability and the ability to drive large capacitive loads.
For additional capacitive load drive capability in unity-gain configurations, stability can be improved by inserting a
small resistor RISO (10 Ω to 22 Ω) in series with the output. This resistor significantly reduces ringing while
maintaining DC performance for purely capacitive loads. However, if there is a resistive load in parallel with the
capacitive load, a voltage divider is created introducing a gain error at the output and slightly reducing the output
swing. The error introduced is proportional to the ratio RISO / RL. RISO modifies the maximum capacitive load
acceptable from a stability point-of-view as described in the figure below:
TSV781, TSV782
Application information
DS14011 - Rev 7
page 20/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com