Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV782IQ2T Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSV782IQ2T
Description  High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV782IQ2T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSV782IQ2T Datasheet HTML 18Page - STMicroelectronics TSV782IQ2T Datasheet HTML 19Page - STMicroelectronics TSV782IQ2T Datasheet HTML 20Page - STMicroelectronics TSV782IQ2T Datasheet HTML 21Page - STMicroelectronics TSV782IQ2T Datasheet HTML 22Page - STMicroelectronics TSV782IQ2T Datasheet HTML 23Page - STMicroelectronics TSV782IQ2T Datasheet HTML 24Page - STMicroelectronics TSV782IQ2T Datasheet HTML 25Page - STMicroelectronics TSV782IQ2T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
5.9
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier, load, and power
supply. The power and ground traces are critical as they must provide adequate energy and grounding for all
circuits. The best practice is to use short and wide PCB traces to minimize voltage drops and parasitic
inductance. In addition, to minimize parasitic impedance over the entire surface, a multi-via technique that
connects the bottom and top layer ground planes together in many locations is often used. The copper traces that
connect the output pins to the load and supply pins should be as wide as possible to minimize trace resistance.
5.10
Decoupling capacitor
In order to ensure op amp full functionality, it is mandatory to place a decoupling capacitor of at least 22 nF as
close as possible to the op amp supply pin. A good decoupling helps to reduce electromagnetic interference
impact.
5.11
Macromodel
Accurate macromodels of the TSV78x device are available on the STMicroelectronics’ website at: www.st.com.
These models are a trade-off between accuracy and complexity (that is, time simulation) of the TSV78x
operational amplifier. They emulate the nominal performance of a typical device within the specified operating
conditions mentioned in the datasheet. They also help to validate a design approach and to select the right
operational amplifier, but they do not replace on-board measurements.
TSV781, TSV782
Application information
DS14011 - Rev 7
page 22/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com