Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151IYLT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSZ151IYLT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151IYLT Datasheet(HTML) 3 Page - STMicroelectronics

  TSZ151IYLT Datasheet HTML 1Page - STMicroelectronics TSZ151IYLT Datasheet HTML 2Page - STMicroelectronics TSZ151IYLT Datasheet HTML 3Page - STMicroelectronics TSZ151IYLT Datasheet HTML 4Page - STMicroelectronics TSZ151IYLT Datasheet HTML 5Page - STMicroelectronics TSZ151IYLT Datasheet HTML 6Page - STMicroelectronics TSZ151IYLT Datasheet HTML 7Page - STMicroelectronics TSZ151IYLT Datasheet HTML 8Page - STMicroelectronics TSZ151IYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1.3
TSZ152 dual operational amplifier
Figure 3. Pin connections (top view)
DFN8 2x2 (TSZ152)
MiniSO8 and SO8 (TSZ152)
1. The exposed pad of the DFN8 2x2 can be connected to VCC- or left floating.
Table 3. Pin description
Pin n°
Pin name
Description
1
OUT1
Output channel
2
IN1-
Inverting input channel
3
IN1+
Non-inverting input channel
4
VCC-
Negative supply voltage
5
IN2+
Non-inverting input channel
6
IN2-
Inverting input channel
7
OUT2
Output channel
8
VCC+
Positive supply voltage
TSZ151, TSZ152
Pin description
DS14459 - Rev 4
page 3/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com