Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151IYLT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ151IYLT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151IYLT Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ151IYLT Datasheet HTML 1Page - STMicroelectronics TSZ151IYLT Datasheet HTML 2Page - STMicroelectronics TSZ151IYLT Datasheet HTML 3Page - STMicroelectronics TSZ151IYLT Datasheet HTML 4Page - STMicroelectronics TSZ151IYLT Datasheet HTML 5Page - STMicroelectronics TSZ151IYLT Datasheet HTML 6Page - STMicroelectronics TSZ151IYLT Datasheet HTML 7Page - STMicroelectronics TSZ151IYLT Datasheet HTML 8Page - STMicroelectronics TSZ151IYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Features
•
Very high accuracy and stability: offset voltage
–
7 µV max. at 25 °C
–
10 µV over full temperature range (-40 °C to 125 °C)
•
Rail-to-rail input and output
•
Low supply voltage: from 1.8 to 5.5 V
•
Low power consumption: 210 µA at 5 V
•
Gain bandwidth product: 1.6 MHz
•
Extended temperature range: -40 to 125 °C
•
AEC-Q100 qualified
•
Benefits:
–
Higher accuracy without calibration
–
Accuracy is virtually unaffected by temperature change
Applications
•
High accuracy signal conditioning
•
Automotive current measurement and sensors signal conditioning
Description
The TSZ151 and TSZ152 are single and dual operational amplifiers featuring very
low offset voltages with virtually zero-drift versus temperature changes.
The TSZ151 and TSZ152 are single and dual offers rail-to-rail input and output, an
excellent speed/power consumption ratio, and 1.6 MHz gain bandwidth product,
while consuming just 210 µA at 5 V.
The device also features an ultra-low input bias current. These features make the
TSZ151 and TSZ152 are ideal for high-accuracy sensor interfaces.
Product
status link
Package
TSZ151ICT
1
SC70-5
TSZ151IYCT
1
•
SC70-5
TSZ151ILT
1
SOT23-5
TSZ151IYLT
1
•
SOT23-5
TSZ152IDT
2
SO8
TSZ152IYDT
2
•
SO8
TSZ152IST
2
MiniSO8
TSZ152IYST
2
•
MiniSO8
TSZ152IQT
2
DFN8
TSZ152IYQT
2
•
DFN8
Related products
TSZ121
TSZ122
Zero drift amplifier for more
power savings (400 kHz, 31 µA)
TSZ181
TSZ182
Zero drift amplifier for higher
bandwidth (3 MHz, 800 µA)
Very high accuracy (7 µV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
TSZ151, TSZ152
Datasheet
DS14459 - Rev 4 - January 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSZ151IYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
TSZ121ICT STMICROELECTRONICS-TSZ121ICT Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121ILT STMICROELECTRONICS-TSZ121ILT Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ121ILT STMICROELECTRONICS-TSZ121ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
More results

Similar Description - TSZ151IYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
logo
Texas Instruments
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
logo
STMicroelectronics
TSZ182H STMICROELECTRONICS-TSZ182H Datasheet
2Mb / 24P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Jan-2020
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
TSZ181H STMICROELECTRONICS-TSZ181H Datasheet
1Mb / 26P
Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
Rev 2 - December 2020
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
logo
Microchip Technology
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
logo
STMicroelectronics
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com