Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152IDT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSZ152IDT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ152IDT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSZ152IDT Datasheet HTML 15Page - STMicroelectronics TSZ152IDT Datasheet HTML 16Page - STMicroelectronics TSZ152IDT Datasheet HTML 17Page - STMicroelectronics TSZ152IDT Datasheet HTML 18Page - STMicroelectronics TSZ152IDT Datasheet HTML 19Page - STMicroelectronics TSZ152IDT Datasheet HTML 20Page - STMicroelectronics TSZ152IDT Datasheet HTML 21Page - STMicroelectronics TSZ152IDT Datasheet HTML 22Page - STMicroelectronics TSZ152IDT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Figure 36. Overshoot vs. input common-mode voltage
and output current at VCC = 1.8 V
0.1
0.5
0.9
1.3
1.7
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Common Mode Voltage (V)
0.000
6.000
12.00
18.00
24.00
30.00
Overshoot (%)
Vcc = 1.8V, T = 25°C, Vin = 0.1Vpp, follower
Figure 37. Overshoot vs. input common-mode voltage
and output current at VCC = 5 V
0.1
0.9
1.7
2.5
3.3
4.1
4.9
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Common Mode Voltage (V)
0.000
6.000
12.00
18.00
24.00
30.00
Overshoot (%)
Vcc = 5V, T = 25°C, Vin = 0.1Vpp, follower
Figure 38. Overshoot vs. input common-mode voltage
and output current at T = -40 °C
0.1
0.9
1.7
2.5
3.3
4.1
4.9
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Common Mode Voltage (V)
0.000
6.000
12.00
18.00
24.00
30.00
Overshoot (%)
Vcc = 5V, T = -40°C, Vin = 0.1Vpp, follower
Figure 39. Overshoot vs. input common-mode voltage
and output current at T = 125 °C
0.1
0.9
1.7
2.5
3.3
4.1
4.9
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Common Mode Voltage (V)
0.000
6.000
12.00
18.00
24.00
30.00
Overshoot (%)
Vcc = 5V, T = 125°C, Vin = 0.1Vpp, follower
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 19/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com