Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ152IDT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSZ152IDT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ152IDT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSZ152IDT Datasheet HTML 21Page - STMicroelectronics TSZ152IDT Datasheet HTML 22Page - STMicroelectronics TSZ152IDT Datasheet HTML 23Page - STMicroelectronics TSZ152IDT Datasheet HTML 24Page - STMicroelectronics TSZ152IDT Datasheet HTML 25Page - STMicroelectronics TSZ152IDT Datasheet HTML 26Page - STMicroelectronics TSZ152IDT Datasheet HTML 27Page - STMicroelectronics TSZ152IDT Datasheet HTML 28Page - STMicroelectronics TSZ152IDT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Figure 60. THD vs. frequency
100
1k
10k
0.0001
0.0010
0.0100
0.1000
1.0000
Frequency (Hz)
Vcc = 1.8V, Vicm = 0.3V, Vin = 500mVpp
Vcc = 1.8V, Vicm = 1.5V, Vin = 500mVpp
Vcc = 3.3V, Vicm = 1.65V, Vin = 1Vpp
Vcc = 5V, Vicm = 2V5, Vin = 2Vpp
Vcc = 5V, Vicm = 4V6, Vin = 600mVpp
G = +1, Filter BW = 80kHz, Rl = 100k
W
Figure 61. EMI rejection vs. frequency
10M
100M
1G
0
20
40
60
80
100
120
140
160
Frequency (Hz)
IN-
IN+
OUT
Vcc = 5V, Vin = -10dBm, T = 25°C
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 25/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com