Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0121 Datasheet(PDF) 1 Page - DFROBOT

Part # SEN0121
Description  Steam Sensor (SKU:SEN0121)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0121 Datasheet(HTML) 1 Page - DFROBOT

  SEN0121 Datasheet HTML 1Page - DFROBOT SEN0121 Datasheet HTML 2Page - DFROBOT SEN0121 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Steam Sensor (SKU:SEN0121)
 
Contents
1 Introduction
1.1 Applications
1.2 Specification
1.3 Connection Diagram
1.4 Sample Code
Introduction
This is a steam sensor from DFRobot. This steam sensor can be connected to the Arduino IO
Expansion shield directly. The output voltage will increase when the humidity of the sensor surface
goes up.
Notice:The new version of analog sensor port pin mapping has been changed as the following two features.
Warning: The connector is not waterproof, please be careful not to put the connector directly in water.


Similar Part No. - SEN0121

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
SEN012 POWERINT-SEN012 Datasheet
1Mb / 8P
Zero Loss High Voltage Sense Signal Disconnect IC
SEN012 POWERINT-SEN012 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
SEN012-013 POWERINT-SEN012-013 Datasheet
956Kb / 8P
Zero1 Loss High Voltage Sense Signal Disconnect IC
May 2015
logo
DFROBOT
SEN0127 DFROBOT-SEN0127 Datasheet
54Kb / 2P
Gravity: Analog Gas Sensor (MQ2) For Arduino
SEN0128 DFROBOT-SEN0128 Datasheet
229Kb / 2P
Analog Gas Sensor(MQ3) SKU:SEN0128
More results

Similar Description - SEN0121

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
G215B-C BELIMO-G215B-C Datasheet
821Kb / 4P
Fluid chilled or hot water, up to 60% glycol, steam
G215B-G BELIMO-G215B-G Datasheet
1Mb / 6P
Fluid chilled or hot water, up to 60% glycol, steam
G215B-J BELIMO-G215B-J Datasheet
1Mb / 6P
Fluid chilled or hot water, up to 60% glycol, steam
G215S-F BELIMO-G215S-F Datasheet
1Mb / 6P
Fluid chilled or hot water, up to 60% glycol, steam
G220B-J BELIMO-G220B-J Datasheet
1Mb / 6P
Fluid chilled or hot water, up to 60% glycol, steam
G220B-K BELIMO-G220B-K Datasheet
1Mb / 6P
Fluid chilled or hot water, up to 60% glycol, steam
G240B-N BELIMO-G240B-N Datasheet
1Mb / 4P
Fluid chilled or hot water, up to 60% glycol, steam
G6150C BELIMO-G6150C Datasheet
1Mb / 4P
Fluid chilled or hot water, up to 60% glycol steam
G680LCS BELIMO-G680LCS Datasheet
996Kb / 4P
Fluid chilled or hot water, up to 60% glycol, steam
logo
Spirax Sarco Limited.
TD62 SPIRAX-TD62 Datasheet
35Kb / 2P
Thermo-Dynamic® Steam Traps
August 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com