Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 63 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 59Page - Texas Instruments AM263P2 Datasheet HTML 60Page - Texas Instruments AM263P2 Datasheet HTML 61Page - Texas Instruments AM263P2 Datasheet HTML 62Page - Texas Instruments AM263P2 Datasheet HTML 63Page - Texas Instruments AM263P2 Datasheet HTML 64Page - Texas Instruments AM263P2 Datasheet HTML 65Page - Texas Instruments AM263P2 Datasheet HTML 66Page - Texas Instruments AM263P2 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 168 page
background image
Table 5-77. MCAN2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN2_RX
I
MCAN Receive Data
A12
A12
A12
MCAN2_TX
O
MCAN Transmit Data
B12
B12
B12
Table 5-78. MCAN3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN3_RX
I
MCAN Receive Data
B7, C14
B7, C14
B7, C14
MCAN3_TX
O
MCAN Transmit Data
A15, C7
A15, C7
A15, C7
Table 5-79. MCAN4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN4_RX
I
MCAN Receive Data
A3, E17, G1
A3, E17, G1
A3, E17, G1
MCAN4_TX
O
MCAN Transmit Data
A2, E18, J2
A2, E18, J2
A2, E18, J2
Table 5-80. MCAN5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN5_RX
I
MCAN Receive Data
C16, C6, G4
C16, C6, G4
C16, C6, G4
MCAN5_TX
O
MCAN Transmit Data
A17, A5, J3, R3 A17, A5, J3, R3
A17, A5, R3
Table 5-81. MCAN6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN6_RX
I
MCAN Receive Data
B18, H1, V17
B18, H1
B18
MCAN6_TX
O
MCAN Transmit Data
B17, J1, T16
B17, J1
B17
Table 5-82. MCAN7 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MCAN7_RX
I
MCAN Receive Data
D16, K2, N2,
P15
D16, K2, N2
D16, N2
MCAN7_TX
O
MCAN Transmit Data
C17, J4, N1,
R16
C17, J4, N1
C17, N1
5.3.15 SPI (MCSPI)
Table 5-83. SPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI0_CLK (1)
IO
SPI Clock (SOP2)
A11
A11
A11
SPI0_CS0
IO
SPI Chip Select 0
C11
C11
C11
SPI0_CS1
IO
SPI Chip Select 1
B7
B7
B7
SPI0_D0 (2)
IO
SPI Data 0 (SOP3)
C10
C10
C10
SPI0_D1
IO
SPI Data 1
B11
B11
B11
(1)
The SPI0_CLK pin is also used as SOP2 bootmode configuration pin.
(2)
The SPI0_D0 pin is also used as SOP3 bootmode configuration pin.
Table 5-84. SPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI1_CLK
IO
SPI Clock
A10
A10
A10
SPI1_CS0
IO
SPI Chip Select 0
C9
C9
C9
SPI1_D0
IO
SPI Data 0
B10
B10
B10
SPI1_D1
IO
SPI Data 1
D9
D9
D9
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com