Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2 Datasheet(PDF) 72 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 68Page - Texas Instruments AM263P2 Datasheet HTML 69Page - Texas Instruments AM263P2 Datasheet HTML 70Page - Texas Instruments AM263P2 Datasheet HTML 71Page - Texas Instruments AM263P2 Datasheet HTML 72Page - Texas Instruments AM263P2 Datasheet HTML 73Page - Texas Instruments AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments AM263P2 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
5.4 Pin Connectivity Requirements
Ball Number
Ball Name
Pin Connectivity Requirements
D4
SAFETY_ERRORn
This pin must be connected to ground (VSS) through a separate external
pull resistor to make sure the pin is held to a valid logic low level if a PCB
signal trace is connected and not actively driven by an attached device. The
internal pull–down can be used to hold a valid logic low level if no PCB signal
trace is connected to the ball.
J16
RSVD_J16
This pin must be connected to 1.2V supply (VDD).
T4
U1
RSVD_T4
RSVD_U1
Each of these pins must be connected (shorted) directly to ground (VSS)
U3
V2
RSVD_U3
RSVD_V2
Each of these pins must be left unconnected.
P15(1)
RSVD_P15(1)
ZCZ_S and ZCZ_F Package only. This pin must be left unconnected
B3
C5
D5
TCK
TDI
TMS
Each of these pins must be connected to the corresponding power supply
through separate external pull resistors to make sure these balls are held to
a valid logic high level if a PCB signal trace is connected and not actively
driven by an attached device. The internal pull–up can be used to hold a
valid logic high level if no PCB signal trace is connected to the ball.
A13
B13
I2C0_SCL
I2C0_SDA
Each of these pins must be connected to the corresponding power supply
through separate external pull resistors to make sure these balls are held to
a valid logic high level.
N1
N4
A11
C10
QSPI0_D0 (SOP0)
QSPI0_D1 (SOP1)
SPI0_CLK (SOP2)
SPI0_D0 (SOP3)
Each of these pins must be connected to the corresponding power supply
or ground (VSS) through separate external pull resistors to make sure these
balls are held to a valid logic high or low level as appropriate to select the
desired device boot mode.
U16
T15
ADC_CAL0
ADC_CAL1
If all ADCx_AINy inputs for all ADC instances (ADC[0:4]_AIN[0:5]) are not
used, the ADC_CAL[0:1] analog pins must be connected (shorted) directly to
ground (VSS).
U2
VSYS_MON
If VSYS_MON is not used, this pin can be connected (shorted) directly to
ground (VSS).
ADC ZCZ PIN
ADC[0:4]_AIN[0:5]
Any unused ADCx_AINy input pin for any ADC instance (ADC[0:4]_AIN[0:5])
must be connected (shorted) directly to ground (VSS).
ADC_R ZCZ PIN
ADC_R[0:1]_AIN[0:3]
Any unused ADC_Rx_AINy input pin for any ADC_R instance
(ADC_R[0:1]_AIN[0:3]) must be connected (shorted) directly to ground
(VSS).
LVCMOS ZCZ PIN
Any LVCMOS Voltage Buffer
Pin
If an associated IOMUX pad configuration register exists for a given pin,
the pin can remain unconnected. After PORz, the LVCMOS voltage buffer is
configured to a default state compatible with an unconnected ball.
P1(2)
M4(2)
P3(2)
M1(2)
L2(2)
H1(2)
J1(2)
K2(2)
J4(2)
K4(2)
K3(2)
GPIO0(2)
GPIO5(2)
GPIO6(2)
GPIO7(2)
GPIO9(2)
GPIO65(2)
GPIO66(2)
GPIO67(2)
GPIO68(2)
GPIO69(2)
GPIO70(2)
ZCZ_F Package only. Each of these pins must be left unconnected with no
PCB trace.
L1(2)
GPIO8(2)
ZCZ_F Package only. This pin must be connected to VDDS33 through
a separate external 4.7kΩ pull resistor placed as close to the device as
possible.
J3(2)
GPIO64(2)
ZCZ_F Package only. OSPI_RESET_OUT0 connection to PORz. To reset
the on-die OSPI flash module OSPI_RESET_OUT0 must be connected to an
open-drain equivalent of PORz.
(1)
ZCZ_S and ZCZ_F Package only
(2)
ZCZ_F Package only
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com