Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 56 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 52Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 53Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 54Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 55Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 56Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 57Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 58Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 59Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
Table 5-44. EPWM22 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM22_A
O
EPWM Output A
G17
G17
G17
EPWM22_B
O
EPWM Output B
F17, G18
F17, G18
F17, G18
Table 5-45. EPWM23 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM23_A
O
EPWM Output A
F18, G18
F18, G18
F18, G18
EPWM23_B
O
EPWM Output B
E18, G15
E18, G15
E18, G15
Table 5-46. EPWM24 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM24_A
O
EPWM Output A
K15
K15
K15
EPWM24_B
O
EPWM Output B
K16
K16
K16
Table 5-47. EPWM25 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM25_A
O
EPWM Output A
K17
K17
K17
EPWM25_B
O
EPWM Output B
K18
K18
K18
Table 5-48. EPWM26 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM26_A
O
EPWM Output A
J18
J18
J18
EPWM26_B
O
EPWM Output B
J17
J17
J17
Table 5-49. EPWM27 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM27_A
O
EPWM Output A
H18
H18
H18
EPWM27_B
O
EPWM Output B
H17, L16
H17, L16
H17, L16
Table 5-50. EPWM28 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM28_A
O
EPWM Output A
M16
M16
M16
EPWM28_B
O
EPWM Output B
M15
M15
M15
Table 5-51. EPWM29 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM29_A
O
EPWM Output A
G15, H17
G15, H17
G15, H17
EPWM29_B
O
EPWM Output B
H16
H16
H16
Table 5-52. EPWM30 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM30_A
O
EPWM Output A
F15
F15
F15
EPWM30_B
O
EPWM Output B
C18
C18
C18
Table 5-53. EPWM31 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
EPWM31_A
O
EPWM Output A
D17
D17
D17
EPWM31_B
O
EPWM Output B
D18
D18
D18
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com