Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 64 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 60Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 61Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 62Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 63Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 64Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 65Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 66Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 67Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
Table 5-85. SPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI2_CLK
IO
SPI Clock
B9
B9
B9
SPI2_CS0
IO
SPI Chip Select 0
A9
A9
A9
SPI2_D0
IO
SPI Data 0
B8
B8
B8
SPI2_D1
IO
SPI Data 1
A8
A8
A8
Table 5-86. SPI3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI3_CLK
IO
SPI Clock
C8
C8
C8
SPI3_CS0
IO
SPI Chip Select 0
D7
D7
D7
SPI3_D0
IO
SPI Data 0
C7
C7
C7
SPI3_D1
IO
SPI Data 1
B7
B7
B7
Table 5-87. SPI4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI4_CLK
IO
SPI Clock
B14, L1
B14, L1
B14
SPI4_CS0
IO
SPI Chip Select 0
A14, M1
A14, M1
A14
SPI4_CS1
IO
SPI Chip Select 1
K2, R3
K2, R3
R3
SPI4_D0
IO
SPI Data 0
C12, L2
C12, L2
C12
SPI4_D1
IO
SPI Data 1
D11, K1
D11, K1
D11, K1
Table 5-88. SPI5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI5_CLK
IO
SPI Clock
C18, G2
C18, G2
C18, G2
SPI5_CS0
IO
SPI Chip Select 0
F15, F2
F15, F2
F15, F2
SPI5_D0
IO
SPI Data 0
D17, E1
D17, E1
D17, E1
SPI5_D1
IO
SPI Data 1
D18, F3
D18, F3
D18, F3
Table 5-89. SPI6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI6_CLK
IO
SPI Clock
B17, F1
B17, F1
B17, F1
SPI6_CS0
IO
SPI Chip Select 0
B18, F4
B18, F4
B18, F4
SPI6_D0
IO
SPI Data 0
D16, G3
D16, G3
D16, G3
SPI6_D1
IO
SPI Data 1
C17, H2
C17, H2
C17, H2
Table 5-90. SPI7 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
SPI7_CLK
IO
SPI Clock
J2, K4, N1
J2, K4, N1
J2, N1
SPI7_CS0
IO
SPI Chip Select 0
G1, J4, N2
G1, J4, N2
G1, N2
SPI7_D0
IO
SPI Data 0
G4, K3, N4
G4, K3, N4
G4, N4
SPI7_D1
IO
SPI Data 1
J3, K1, V17
J3, K1
K1
5.3.16 MMC
Table 5-91. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
MMC0_CD
I
MMC/SD Card Detect
A5
A5
A5
MMC0_CLK
IO
MMC/SD Clock
B6
B6
B6
MMC0_CMD
IO
MMC/SD Command
A4
A4
A4
MMC0_WP
I
MMC/SD Write Protect
C6
C6
C6
MMC0_D0
IO
MMC/SD Data
B5
B5
B5
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
64
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com