Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256TY Datasheet(PDF) 30 Page - RAMXEED LIMITED

Part # MB85RC256TY
Description  256K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256TY Datasheet(HTML) 30 Page - RAMXEED LIMITED

Back Button MB85RC256TY Datasheet HTML 26Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 27Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 28Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 29Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 30Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 31Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 32Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 33Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 34Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
MB85RC256TY(AEC-Q100 Compliant)
30
DS501-00077-1v1-E
(2) MB85RC256TYPN-GS-AWE1/MB85RC256TYPN-GS-AWEWE1
1. Tray (MB85RC256TYPN-GS-AWE1)
1.1 Tray Dimensions
DFN8
Maximum storage capacity
pcs/tray
pcs/inner box pcs/outer box
455
4550
9100
(Dimensions in mm)
Heat proof temperature : 150 C Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com