Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256TY Datasheet(PDF) 17 Page - RAMXEED LIMITED

Part # MB85RC256TY
Description  256K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256TY Datasheet(HTML) 17 Page - RAMXEED LIMITED

Back Button MB85RC256TY Datasheet HTML 13Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 14Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 15Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 16Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 17Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 19Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 20Page - RAMXEED LIMITED MB85RC256TY Datasheet HTML 21Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
MB85RC256TY(AEC-Q100 Compliant)
DS501-00077-1v1-E
17
POWER ON/OFF SEQUENCE
When applying relatively short term VDD pulse whose peak is more than 1.7V, it is required to set falling time, tf
more than 0.4ms/V. (In case VDD rises over 1.7V and falls just after that, if this term is short, device may lose
its function.)
.
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
FeRAM CHARACTERISTICS
*1 : Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates with destructive readout mechanism.
*2 : Minimum values define retention time of the first reading/writing data right after shipment.
*3: Under evaluation for more than 5.9 years(+125 C).
These values are calculated by qualification results.
Parameter
Symbol
Value
Unit
Min
Max
SDA, SCL level hold time during power down
tpd
85
ns
SDA, SCL level hold time during power up
tpu
450
s
Power supply rising time
tr
0.05
ms/V
Power supply falling time
tf
0.1
ms/V
Internal regulator recovery time
tREC
450
s
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1013
Times/byte Operation Ambient Temperature TA   125 C
Data Retention*2
5.9*3
Years
Operation Ambient Temperature TA   125 C
19.1
Operation Ambient Temperature TA   105 C
70.4
Operation Ambient Temperature TA   85 C
0 V
SDA, SCL > VDD × 0.8 *
SDA, SCL > VDD × 0.8 *
tpd
tpu
tr
tf
VIL (Max)
VIH (Min)
VDD (Min)
VDD
SDA, SCL : Don't care
SDA, SCL
SDA, SCL
0 V
VIL (Max)
VIH (Min)
VDD (Min)
VDD
* : SDA, SCL (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com