Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256TYPNF-GS-BCERE1 Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MB85RC256TYPNF-GS-BCERE1
Description  256K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256TYPNF-GS-BCERE1 Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
MB85RC256TY(AEC-Q100 Compliant)
8
DS501-00077-1v1-E
• Current Address Read
When the previous write or read operation finishes successfully up to the stop condition and assumes the
last accessed address is “n”, then the address at “n+1” is read by sending the following command unless
turning the power off. If the memory address is last address, the address counter will roll over to (0000H).
The current address in memory address buffer is undefined immediately after the power is turned on.
• Random Read
The one byte of data from the memory address saved in the memory address buffer can be read out
synchronously to SCL by specifying the address in the same way as for a write, and then issuing another
start condition and sending the Device Address Word (R/W “1” input).
The final NACK (SDA is the “H” level) is issued by the receiver that receives the data. In this case, this bit
is issued by the master side.
A
S
P
N
S
A2 A1
A
N P
Read
Data 8bits
1
1
010
A0
Access from master
Access from slave
Start Condition
ACK(SDA is the “L” level)
Stop Condition
NACK(SDA is the “H” level)
A
S
P
N
S
A2 A1
A
A
A
P
Address
High 8bits
Address
Low 8bits
0
1
010
S
A2 A1
A
1
1
010
Read
Data 8bits
N
A0
A0
Access from master
Access from slave
Start Condition
ACK(SDA is the “L” level)
Stop Condition
NACK(SDA is the “H” level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com