Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256TYPNF-GS-BCERE1 Datasheet(PDF) 21 Page - RAMXEED LIMITED

Part # MB85RC256TYPNF-GS-BCERE1
Description  256K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256TYPNF-GS-BCERE1 Datasheet(HTML) 21 Page - RAMXEED LIMITED

Back Button MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 17Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 19Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 20Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 21Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 22Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 23Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 24Page - RAMXEED LIMITED MB85RC256TYPNF-GS-BCERE1 Datasheet HTML 25Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
MB85RC256TY(AEC-Q100 Compliant)
DS501-00077-1v1-E
21
(2) MB85RC256TYPN-GS-AWE1/MB85RC256TYPN-GS-AWEWE1
0.05
8-pin plastic DFN
Lead pitch
1.27 mm
Package width x
Package length
5.00 mm × 6.00 mm
Sealing method
Plastic mold
Mounting height
0.90 mm MAX
8-pin plastic DFN
(LCC-8P-M05)
5.00±0.10
INDEX AREA
0.40±0.10
4.10±0.10
1.27 BSC.
0.90 MAX.
Dimensions in mm.
Note: The values in parentheses are reference values.
C0.30
0.05 MAX.
0.17
0.25
1PIN CORNER
MB85RC256TYPN-GS-AWE1
MB85RC256TYPN-GS-AWEWE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com