Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256VPF-G-BCERE1 Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85RC256VPF-G-BCERE1
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256VPF-G-BCERE1 Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85RC256VPF-G-BCERE1 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 13Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 14Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 15Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 16Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
MB85RC256V
DS501-00017-11v2-E
13
3. AC Timing Definitions
4. Pin Capacitance
5. AC Test Load Circuit
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
I/O capacitance
CI/O
VDD  5.0V,
VIN  VOUT  0 V ~ VDD,
f  1 MHz, TA   25 C
15
pF
Input capacitance
CIN
15
pF
Start
Start
Stop
Stop
Valid
SCL
SDA
SCL
SDA
SCL
SDA
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIH
VIH
TSU:DAT
TSU:STA THD:STA
THIGH
TLOW
TDH:DAT
1/FSCL
TSU:STO
THD:DAT
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
VIL
VIL
VIL
TBUF
Tf
Tr
Tf
Tr
TAA
Tsp
VDD
100 pF
Output
1.8 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com