Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256VPF-G-BCERE1 Datasheet(PDF) 21 Page - RAMXEED LIMITED

Part # MB85RC256VPF-G-BCERE1
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256VPF-G-BCERE1 Datasheet(HTML) 21 Page - RAMXEED LIMITED

Back Button MB85RC256VPF-G-BCERE1 Datasheet HTML 17Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 19Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 20Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 21Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 22Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 23Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 24Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 25Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
MB85RC256V
DS501-00017-11v2-E
21
PACKING INFORMATION
(1)MB85RC256VPNF-G-JNE1
(Plastic SOP 8-pin, 150mil)
1.
Tube
1.1 Tube Dimensions
• Tube/stopper shape (example)
Tube cross-sections and Maximum quantity
• Tube orientation
MB85RC256VPNF-G-JNE1
Maximum quantity
ICs/tube
ICs/inner box ICs/outer box
No heat resistance.
Package should not be baked by using tube.
95
7,600
30,400
tube length:521
(
Dimensions in mm)
Stopper
Tube
7.7
Index mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com