Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 14Page - STMicroelectronics TDA7498 Datasheet HTML 15Page - STMicroelectronics TDA7498 Datasheet HTML 16Page - STMicroelectronics TDA7498 Datasheet HTML 17Page - STMicroelectronics TDA7498 Datasheet HTML 18Page - STMicroelectronics TDA7498 Datasheet HTML 19Page - STMicroelectronics TDA7498 Datasheet HTML 20Page - STMicroelectronics TDA7498 Datasheet HTML 21Page - STMicroelectronics TDA7498 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
11-Aug-2009
1
Initial release.
27-Aug-2009
2
Updated supply voltage range on page 1.
Updated package exposed pad dimension Y (Min) in Section 6.1 .
23-Oct-2009
3
Updated first feature on page 1.
Updated order code name in Section
Updated Table 5. Electrical specifications
Updated Section 4.2 Characterization curves
Removed tables for standby, mute and gain after Figure 19. Application circuit for 6 Ω
or 8 Ω speakers.
30-Jun-2010
4
Removed datasheet preliminary status, updated features list and updated Section
Added Table 4. Recommended operating conditions with updated minimum supply
voltage.
27-Jan-2011
5
Updated applications circuit in Figure 19. Application circuit for 6 Ω or 8 Ω speakers.
11-Feb-2011
6
Updated test circuit for characterizations in Section 4.1 .
29-Mar-2011
7
Updated IOCP in Table 5. Electrical specifications .
12-Sep-2011
8
Updated OUTNA in Table 1. Pin description list
09-Sep-2015
9
Updated VCC in Table 2. Absolute maximum ratings and dimension L in Section 6.1
28-Aug-2020
10
Removed order code for tube version.
TDA7498
DS6437 - Rev 10
page 18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com