Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 14Page - STMicroelectronics TDA7498 Datasheet HTML 15Page - STMicroelectronics TDA7498 Datasheet HTML 16Page - STMicroelectronics TDA7498 Datasheet HTML 17Page - STMicroelectronics TDA7498 Datasheet HTML 18Page - STMicroelectronics TDA7498 Datasheet HTML 19Page - STMicroelectronics TDA7498 Datasheet HTML 20Page - STMicroelectronics TDA7498 Datasheet HTML 21Page - STMicroelectronics TDA7498 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
List of figures
Figure 1.
Internal block diagram (showing one channel only) ........................................... 2
Figure 2.
Pin connections (top view, PCB view)
................................................... 3
Figure 3.
Test circuit for characterizations ........................................................ 7
Figure 4.
Test board ....................................................................... 8
Figure 5.
Output power (THD = 10%) vs. supply voltage .............................................. 9
Figure 6.
THD vs. output power ............................................................... 9
Figure 7.
THD vs. frequency (1 W) ............................................................. 9
Figure 8.
THD vs. frequency (100 mW) .......................................................... 9
Figure 9.
Frequency response ................................................................ 9
Figure 10.
FFT performance (0 dBFS) ........................................................... 9
Figure 11.
FFT performance (-60 dBFS) .......................................................... 9
Figure 12.
Output power (THD = 10%) vs. supply voltage ............................................. 10
Figure 13.
THD vs. output power .............................................................. 10
Figure 14.
THD vs. frequency (1 W) ............................................................ 10
Figure 15.
THD vs. frequency (100 mW) ......................................................... 10
Figure 16.
Frequency response ............................................................... 10
Figure 17.
FFT performance (0 dB) ............................................................ 10
Figure 18.
FFT performance (-60 dB) ........................................................... 10
Figure 19.
Application circuit for 6 Ω or 8 Ω speakers ................................................ 11
Figure 20.
Standby and mute circuits ........................................................... 12
Figure 21.
Turn on/off sequence for minimizing speaker “pop” .......................................... 12
Figure 22.
Input circuit and frequency response .................................................... 13
Figure 23.
Master and slave connection ......................................................... 14
Figure 24.
Typical LC filter for an 8 Ω speaker ..................................................... 14
Figure 25.
Typical LC filter for a 6 Ω speaker ...................................................... 14
Figure 26.
Behavior of pin DIAG for various protection conditions ........................................ 15
Figure 27.
PowerSSO-36 EPU package outline .................................................... 16
TDA7498
List of figures
DS6437 - Rev 10
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com