Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871IST Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS4871IST
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871IST Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS4871IST Datasheet HTML 29Page - STMicroelectronics TS4871IST Datasheet HTML 30Page - STMicroelectronics TS4871IST Datasheet HTML 31Page - STMicroelectronics TS4871IST Datasheet HTML 32Page - STMicroelectronics TS4871IST Datasheet HTML 33Page - STMicroelectronics TS4871IST Datasheet HTML 34Page - STMicroelectronics TS4871IST Datasheet HTML 35Page - STMicroelectronics TS4871IST Datasheet HTML 36Page - STMicroelectronics TS4871IST Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Remark : The measure of the Rms voltage is not a Rms selective measure but a full range (2 Hz to 125 kHz) Rms
measure.
It means that we measure the effective Rms signal + the noise.
5.14
High/low cut-off frequencies
For their calculation, please check the figure below:
Figure 88. Frequency response gain vs Cin and Cfeed
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
10
Rin = Rfeed = 22kΩ
Tamb = 25°C
Cfeed = 2.2nF
Cfeed = 680pF
Cfeed = 330pF
Cin = 470nF
Cin = 82nF
Cin = 22nF
Frequency (Hz)
TS4871
Application information
DS2547 - Rev 10
page 33/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com