Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4871IST Datasheet(PDF) 40 Page - STMicroelectronics

Part # TS4871IST
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871IST Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TS4871IST Datasheet HTML 34Page - STMicroelectronics TS4871IST Datasheet HTML 35Page - STMicroelectronics TS4871IST Datasheet HTML 36Page - STMicroelectronics TS4871IST Datasheet HTML 37Page - STMicroelectronics TS4871IST Datasheet HTML 38Page - STMicroelectronics TS4871IST Datasheet HTML 39Page - STMicroelectronics TS4871IST Datasheet HTML 40Page - STMicroelectronics TS4871IST Datasheet HTML 41Page - STMicroelectronics TS4871IST Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Open loop frequency response Vcc=5 V .................................................. 7
Figure 3.
Open loop frequency response ZL=8 Ω ................................................... 7
Figure 4.
Open loop frequency response Vcc=3.3 V ................................................. 7
Figure 5.
Open loop frequency response Vcc=3.3 V, ZL=8 Ω ........................................... 7
Figure 6.
Open loop frequency response Vcc=2.6 V ................................................. 7
Figure 7.
Open loop frequency response Vcc=2.6 V, ZL=8 Ω ........................................... 7
Figure 8.
Open loop frequency response Vcc=5 V, CL=560 pF .......................................... 8
Figure 9.
Open loop frequency response Vcc=3.3 V, CL=560 pF ........................................ 8
Figure 10.
Open loop frequency response Vcc=2.6 V, CL=560 pF ........................................ 8
Figure 11.
Power supply rejection ratio (PSRR) vs power supply ......................................... 8
Figure 12.
Power supply rejection ratio (PSRR) vs feedback capacitor ..................................... 8
Figure 13.
Power supply rejection ratio (PSRR) vs bypass capacitor ....................................... 8
Figure 14.
Power supply rejection ratio (PSRR) vs input capacitor ........................................ 9
Figure 15.
Power supply rejection ratio (PSRR) vs feedback resistor....................................... 9
Figure 16.
Pout @ THD + N = 1% vs supply voltage vs RL ............................................. 9
Figure 17.
Pout @ THD + N = 10% vs supply voltage vs RL ............................................ 9
Figure 18.
Power dissipation vs Pout Vcc=5 V ...................................................... 9
Figure 19.
Power dissipation vs Pout Vcc=3.3 V..................................................... 9
Figure 20.
Power dissipation vs Pout Vcc=2.6 V.................................................... 10
Figure 21.
Power derating curves .............................................................. 10
Figure 22.
THD + N vs output power Gv=2, Vcc= 5 V ................................................ 10
Figure 23.
THD + N vs output power Gv=10, Vcc =5 V ............................................... 10
Figure 24.
THD + N vs output power Gv=2, Vcc = 3.3 V .............................................. 10
Figure 25.
THD + N vs output power Gv=10, Vcc = 3.3 V ............................................. 10
Figure 26.
THD + N vs output power Gv=2, Vcc = 2.6 V .............................................. 11
Figure 27.
THD + N vs output power Gv=10, Vcc = 2.6 V ............................................. 11
Figure 28.
THD + N vs output power Gv=2, Vcc= 5 V, RL=8 Ω ......................................... 11
Figure 29.
THD + N vs output power Gv=10, Vcc = 5 V ............................................... 11
Figure 30.
THD + N vs output power RL= 8 Ω ..................................................... 12
Figure 31.
THD + N vs output power RL= 8 Ω, Vcc=3.3 V ............................................. 12
Figure 32.
THD + N vs output power RL= 8 Ω, Vcc=2.6 V ............................................. 12
Figure 33.
THD + N vs output power RL= 8 Ω, Gv=10 ................................................ 12
Figure 34.
THD + N vs output power Gv=2, Vcc=5 V, Cb=0.1 µF ........................................ 13
Figure 35.
THD + N vs output power Gv=10, Vcc = 5 V, Cb=0.1 µF....................................... 13
Figure 36.
THD + N vs output power Gv=2, Vcc = 3.3 V, Cb=0.1 µF ...................................... 13
Figure 37.
THD + N vs output power Gv=10, Vcc=3.3 V, Cb=0.1 µF ...................................... 13
Figure 38.
THD + N vs output power Gv=2, Vcc = 2.6 V, Cb=0.1 µF ...................................... 14
Figure 39.
THD + N vs output power Gv=10, Vcc=2.6 V, Cb=0.1 µF ...................................... 14
Figure 40.
THD + N vs output power RL=16 Ω Vcc=0 5 V ............................................. 14
Figure 41.
THD + N vs output power RL=16 Ω Gv=10 ................................................ 14
Figure 42.
THD + N vs output power RL=16 Ω, Gv=2 ................................................ 15
Figure 43.
THD + N vs output power RL=16 Ω, Gv=10, VCC=3.3 V ....................................... 15
Figure 44.
THD + N vs output power RL=16 Ω Vcc=2.6 V ............................................. 15
Figure 45.
THD + N vs output power RL=16 Ω, Vcc=2.6 V , Gv=10....................................... 15
Figure 46.
THD + N vs frequency .............................................................. 15
Figure 47.
THD + N vs frequency, Vcc=5 V ....................................................... 15
Figure 48.
THD + N vs frequency, Vcc=3.3 V ...................................................... 16
Figure 49.
THD + N vs frequency, Gv=10 ........................................................ 16
Figure 50.
THD + N vs frequency, Vcc=2.6 V ...................................................... 16
Figure 51.
THD + N vs frequency, Vcc=2.6 V, RL = 4 Ω ............................................... 16
Figure 52.
THD + N vs frequency, Vcc=5 V, RL=8 Ω ................................................. 16
Figure 53.
THD + N vs frequency, Pout=450 mW ................................................... 16
TS4871
List of figures
DS2547 - Rev 10
page 40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com