Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962IQT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 3 Page - STMicroelectronics

  TS4962IQT Datasheet HTML 1Page - STMicroelectronics TS4962IQT Datasheet HTML 2Page - STMicroelectronics TS4962IQT Datasheet HTML 3Page - STMicroelectronics TS4962IQT Datasheet HTML 4Page - STMicroelectronics TS4962IQT Datasheet HTML 5Page - STMicroelectronics TS4962IQT Datasheet HTML 6Page - STMicroelectronics TS4962IQT Datasheet HTML 7Page - STMicroelectronics TS4962IQT Datasheet HTML 8Page - STMicroelectronics TS4962IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DocID10968 Rev 9
3/44
TS4962
Absolute maximum ratings and operating conditions
44
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1) (2)
1. Caution: this device is not protected in the event of abnormal operating conditions such as short-circuiting
between any one output pin and ground or between any one output pin and VCC, and between individual
output pins.
2. All voltage values are measured with respect to the ground pin.
6
V
Vi
Input voltage (3)
3. The magnitude of the input signal must never exceed VCC + 0.3 V/GND - 0.3 V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
DFN8 package
120
°C/W
Pd
Power dissipation
Internally limited (4)
4. Exceeding the power derating curves during a long period will provoke abnormal operation.
ESD
Human body model(5)
5. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2
kV
Machine model(6)
6. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
Charged device model(7)
7. Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
Latch-up
Latch-up immunity
200
mA
VSTBY
Standby pin maximum voltage (8)
8. The magnitude of the standby signal must never exceed VCC + 0.3 V/GND - 0.3 V.
GND to VCC
V
Lead temperature (soldering, 10sec)
260
°C
Table 2. Dissipation ratings
Package
Derating factor
Power rating at 25°C
Power rating at 85°C
DFN8
20 mW/°C
2.5 W
1.3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com