Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962IQT Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4962IQT Datasheet HTML 27Page - STMicroelectronics TS4962IQT Datasheet HTML 28Page - STMicroelectronics TS4962IQT Datasheet HTML 29Page - STMicroelectronics TS4962IQT Datasheet HTML 30Page - STMicroelectronics TS4962IQT Datasheet HTML 31Page - STMicroelectronics TS4962IQT Datasheet HTML 32Page - STMicroelectronics TS4962IQT Datasheet HTML 33Page - STMicroelectronics TS4962IQT Datasheet HTML 34Page - STMicroelectronics TS4962IQT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
DocID10968 Rev 9
31/44
TS4962
Application information
44
4.3
Common-mode feedback loop limitations
As explained previously, the common-mode feedback loop allows the output DC bias
voltage to be averaged at VCC/2 for any DC common-mode bias input voltage.
However, due to a Vicm limitation in the input stage (see Table 3: Operating conditions on
page 4
), the common-mode feedback loop can play its role only within a defined range. This
range depends upon the values of VCC and Rin (AVdiff). To have a good estimation of the
Vicm value, we can apply this formula (no tolerance on Rin):
with
And the result of the calculation must be in the range:
Due to the +/-9% tolerance on the 150 k
Ω resistor, it is also important to check V
icm in these
conditions.
If the result of the Vicm calculation is not in the previous range, input coupling capacitors
must be used. With VCC between 2.4 and 2.5 V, input coupling capacitors are mandatory.
For example:
With VCC = 3 V, Rin = 150 k and VIC = 2.5 V, we typically find Vicm = 2 V, which is lower than
3 V-0.8 V = 2.2 V. With 136.5 k
Ω we find 1.97 V and with 163.5 kΩ we have 2.02 V.
Therefore, no input coupling capacitors are required.
4.4
Low frequency response
If a low frequency bandwidth limitation is requested, it is possible to use input coupling
capacitors.
In the low frequency region, Cin (input coupling capacitor) starts to have an effect. Cin forms,
with Rin, a first order high-pass filter with a -3 dB cut-off frequency.
So, for a desired cut-off frequency we can calculate Cin,
with Rin in Ω and FCL in Hz.
V
icm
V
CC
R
in
×
2
V
IC
×
150k
Ω
×
+
2
R
in
150k
Ω
+
(
)
×
----------------------------------------------------------------------------
(V)
=
V
IC
In
+
In
-
+
2
---------------------
(V)
=
0.5V
V
icm
V
CC
0.8V
–
≤
≤
V
CC
R
in
×
2
V
IC
×
136.5k
Ω
×
+
2
R
in
136.5k
Ω
+
(
)
×
---------------------------------------------------------------------------------
V
icm
V
CC
R
in
×
2
V
IC
×
163.5k
Ω
×
+
2
R
in
163.5k
Ω
+
(
)
×
---------------------------------------------------------------------------------
≤
≤
F
CL
1
2
π R
in
×
C
in
×
------------------------------------
(Hz)
=
C
in
1
2
π R
in
×
F
CL
×
--------------------------------------
(F)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com