Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4990_V01 Datasheet HTML 2Page - STMicroelectronics TS4990_V01 Datasheet HTML 3Page - STMicroelectronics TS4990_V01 Datasheet HTML 4Page - STMicroelectronics TS4990_V01 Datasheet HTML 5Page - STMicroelectronics TS4990_V01 Datasheet HTML 6Page - STMicroelectronics TS4990_V01 Datasheet HTML 7Page - STMicroelectronics TS4990_V01 Datasheet HTML 8Page - STMicroelectronics TS4990_V01 Datasheet HTML 9Page - STMicroelectronics TS4990_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical characteristics
TS4990
6/33
DocID9309 Rev 14
Table 5. Electrical characteristics when VCC = +3.3 V, GND = 0 V, Tamb = 25°C (unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
3.3
6
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND, RL = 8 
1.
Standby mode is active when VSTBY is tied to GND.
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8 
110
mV
Pout
Output power
THD = 1% max, F = 1 kHz, RL = 8 
375
500
mW
THD + N
Total harmonic distortion + noise
Pout = 400 mWrms, AV = 2, 20 Hz  F  20 kHz,
RL =8 
0.1
%
PSRR
Power supply rejection ratio (2)
RL = 8 AV = 2Vripple = 200mVpp, input grounded
F = 217 Hz
F = 1 kHz
2.
All PSRR data limits are guaranteed by production sampling tests.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon
VCC.
55
55
61
63
dB
tWU
Wake-up time (Cb = 1 µF)
110
140
ms
tSTBY
Standby time (Cb = 1 µF)
10
µs
VSTBYH
Standby voltage level high
1.2
V
VSTBYL
Standby voltage level low
0.4
V
M
Phase margin at unity gain
RL = 8 , CL = 500 pF
65
Degrees
GM
Gain margin
RL = 8 , CL = 500 pF
15
dB
GBP
Gain bandwidth product
RL = 8 
1.5
MHz
ROUT-GND
Resistor output to GND (VSTBY  VSTBYL)
Vout1
Vout2
4
44
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com