Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4990_V01 Datasheet HTML 1Page - STMicroelectronics TS4990_V01 Datasheet HTML 2Page - STMicroelectronics TS4990_V01 Datasheet HTML 3Page - STMicroelectronics TS4990_V01 Datasheet HTML 4Page - STMicroelectronics TS4990_V01 Datasheet HTML 5Page - STMicroelectronics TS4990_V01 Datasheet HTML 6Page - STMicroelectronics TS4990_V01 Datasheet HTML 7Page - STMicroelectronics TS4990_V01 Datasheet HTML 8Page - STMicroelectronics TS4990_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Typical application schematics
TS4990
4/33
DocID9309 Rev 14
2
Typical application schematics
Figure 1. Typical application schematics
Table 3. Component descriptions
Component
Functional description
Rin
Inverting input resistor that sets the closed loop gain in conjunction with Rfeed. This
resistor also forms a high pass filter with Cin (Fc = 1 / (2 x Pi x Rin x Cin)).
Cin
Input coupling capacitor that blocks the DC voltage at the amplifier input terminal.
Rfeed
Feed back resistor that sets the closed loop gain in conjunction with Rin.
Cs
Supply bypass capacitor that provides power supply filtering.
Cb
Bypass pin capacitor that provides half supply filtering.
Cfeed
Low pass filter capacitor allowing to cut the high frequency (low pass filter cut-off
frequency 1/ (2 x Pi x Rfeed x Cfeed)).
AV
Closed loop gain in BTL configuration = 2 x (Rfeed / Rin).
Exposed pad
DFN8 exposed pad is electrically connected to pin 7. See DFN8 package
information on page 29 for more information.
Rfeed
Rin
Audio In
Cfeed
Vcc
Cin
Cs
Cb
Standby
Control
Speaker
8Ohms
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
Vout 1
Vout 2
+
-
+
-
TS4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com