Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TSC2010
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TSC2010 Datasheet HTML 39Page - STMicroelectronics TSC2010 Datasheet HTML 40Page - STMicroelectronics TSC2010 Datasheet HTML 41Page - STMicroelectronics TSC2010 Datasheet HTML 42Page - STMicroelectronics TSC2010 Datasheet HTML 43Page - STMicroelectronics TSC2010 Datasheet HTML 44Page - STMicroelectronics TSC2010 Datasheet HTML 45Page - STMicroelectronics TSC2010 Datasheet HTML 46Page - STMicroelectronics TSC2010 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
6.2
MiniSO8 package information
Figure 83. MiniSO8 package outline
Table 8. MiniSO8 mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.03
0.033
0.037
b
0.22
0.4
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.8
3
3.2
0.11
0.118
0.126
E
4.65
4.9
5.15
0.183
0.193
0.203
E1
2.8
3
3.1
0.11
0.118
0.122
e
0.65
0.026
L
0.4
0.6
0.8
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.01
k
0°
8°
0°
8°
ccc
0.1
0.004
TSC2010, TSC2011, TSC2012
Package information
DS13057 - Rev 7
page 43/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com