Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC2010IDT
Description  High voltage, precision, bidirectional current sense amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2010IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSC2010IDT Datasheet HTML 1Page - STMicroelectronics TSC2010IDT Datasheet HTML 2Page - STMicroelectronics TSC2010IDT Datasheet HTML 3Page - STMicroelectronics TSC2010IDT Datasheet HTML 4Page - STMicroelectronics TSC2010IDT Datasheet HTML 5Page - STMicroelectronics TSC2010IDT Datasheet HTML 6Page - STMicroelectronics TSC2010IDT Datasheet HTML 7Page - STMicroelectronics TSC2010IDT Datasheet HTML 8Page - STMicroelectronics TSC2010IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Features
•
Wide common mode voltage: - 20 to 70 V
•
Offset voltage: ± 200 µV max
•
2.7 to 5.5 V supply voltage
•
Different gain available
–
TSC2010: 20 V/V
–
TSC2011: 60 V/V
–
TSC2012: 100 V/V
•
Gain error: 0.3% max
•
Offset drift: 5 µV/°C max
•
Quiescent current: 20 µA in shutdown mode
•
SO8 and MiniSO8 package
Applications
•
High-side current sensing
•
Low-side current sensing
•
Data acquisition and instrumentation
•
Test and measurement equipment
•
Industrial process control
•
Motor control
•
Solenoid control
Description
The TSC2010, TSC2011 and TSC2012 are precision bidirectional current sense
amplifiers. They can sense the current thanks to a shunt resistor over a wide range of
common mode voltages, from - 20 to + 70 V, whatever the supply voltage is. They
are available with an amplifier gain of 20V/V for TSC2010, 60 V/V for TSC2011 and
100 V/V for TSC2012.
They are able to sense very low drop voltages as low as 10 mV full scale minimizing
the measurement error.
The TSC2010, TSC2011 and TSC2012 can also be used in other functions such as:
precision current measurement, overcurrent protection, current monitoring, and
feedback loops.
This device fully operates over the broad supply voltage range from 2.7 to 5.5 V and
over the industrial temperature range from -40 to 125 °C.
SO8
MiniSO8
Maturity status link
TSC2010, TSC2011, TSC2012
High voltage, precision, bidirectional current sense amplifiers
TSC2010, TSC2011, TSC2012
Datasheet
DS13057 - Rev 7 - February 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC2010IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010IDT STMICROELECTRONICS-TSC2010IDT Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
More results

Similar Description - TSC2010IDT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com