Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211IQT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC211IQT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211IQT Datasheet(HTML) 5 Page - STMicroelectronics

  TSC211IQT Datasheet HTML 1Page - STMicroelectronics TSC211IQT Datasheet HTML 2Page - STMicroelectronics TSC211IQT Datasheet HTML 3Page - STMicroelectronics TSC211IQT Datasheet HTML 4Page - STMicroelectronics TSC211IQT Datasheet HTML 5Page - STMicroelectronics TSC211IQT Datasheet HTML 6Page - STMicroelectronics TSC211IQT Datasheet HTML 7Page - STMicroelectronics TSC211IQT Datasheet HTML 8Page - STMicroelectronics TSC211IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics, T = 25 °C, VSENSE = VIN+- VIN- (unless otherwise specified),
TSC210, TSC213, TSC214, TSC215: VCC= 5 V, VIN+=12 V, VREF= VCC/2 (unless otherwise specified),
TSC211, TSC212: VCC = 12 V, VIN+ = 12 V, VREF = VCC/2 ( unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
Vcc
Supply voltage
2.7
26
V
Icc
Quiescent current
VSENSE = 0 mV
65
100
µA
Tmin. < T < Tmax.
115
Input
VO
Offset voltage (RTI) (1)
TSC210, TSC211,
TSC212
VSENSE = 0 mV
-35
35
µV
TSC214, TSC215
VSENSE = 0 mV
-60
60
TSC213
VSENSE = 0 mV
-100
100
|Δ VO/ΔT|
Offset voltage variation
(RTI) vs. temperature
VSENSE = 0 mV,
Tmin.< T < Tmax.
0.05
0.3
µV/°C
CMRR
Common mode rejection ratio
TSC210, TSC211,
TSC212
VIN+= 0 to 26 V,
VSENSE = 0 mV,
Tmin. < T < Tmax.
105
140
dB
TSC213, TSC214,
TSC215
Vin+= 0 to 26 V,
VSENSE = 0 mV,
Tmin. < T < Tmax.
100
120
PSRR
Power supply rejection
ratio
Vcc= 2.7 to 26 V
VIN+=18 V, VSENSE = 0 mV
0.1
10
µV/V
IIB
Input bias current
VSENSE = 0 mV
15
28
35
µA
IIO
Input offset current
VSENSE = 0 mV
0.02
Output
G
Gain
TSC210
200
V/V
TSC211
500
TSC212
1000
TSC213
50
TSC214
100
TSC215
75
EG
Gain error
VSENSE = -5 to + 5 mV
Tmin. < T < Tmax.
0.02
±1
%
TG
Gain error vs.
temperature
Tmin. < T < Tmax.
7
20
ppm/°C
NLE
Linearity error
VSENSE = -5 to + 5 mV
0.01
%
CL
Maximum capacitive load No sustained oscillation
470
pF
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
Electrical characteristics
DS13237 - Rev 7
page 5/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com