Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC211IQT Datasheet(PDF) 35 Page - STMicroelectronics

Part # TSC211IQT
Description  High/low-side, bidirectional, zero-drift current sense amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC211IQT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TSC211IQT Datasheet HTML 30Page - STMicroelectronics TSC211IQT Datasheet HTML 31Page - STMicroelectronics TSC211IQT Datasheet HTML 32Page - STMicroelectronics TSC211IQT Datasheet HTML 33Page - STMicroelectronics TSC211IQT Datasheet HTML 34Page - STMicroelectronics TSC211IQT Datasheet HTML 35Page - STMicroelectronics TSC211IQT Datasheet HTML 36Page - STMicroelectronics TSC211IQT Datasheet HTML 37Page - STMicroelectronics TSC211IQT Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Resistors and gain values .............................................................. 3
Table 3.
Absolute maximum ratings ............................................................. 4
Table 4.
Operating conditions ................................................................. 4
Table 5.
Electrical characteristics, T = 25 °C, VSENSE = VIN+- VIN- (unless otherwise specified), TSC210, TSC213, TSC214,
TSC215: VCC= 5 V, VIN+=12 V, VREF= VCC/2 (unless otherwise specified),
TSC211,
TSC212: VCC = 12 V, VIN+ = 12 V, VREF = VCC/2 ( unless otherwise specified).......................... 5
Table 6.
Gain error ........................................................................ 18
Table 7.
SC70-6 mechanical data.............................................................. 27
Table 8.
QFN10 mechanical data .............................................................. 30
Table 9.
Ordering information................................................................. 32
Table 10.
Document revision history ............................................................. 33
TSC210, TSC211, TSC212, TSC213, TSC214, TSC215
List of tables
DS13237 - Rev 7
page 35/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com