Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/20MB1AAP2 Datasheet(PDF) 22 Page - Amphenol PCD, Inc

Part # M28840/20MB1AAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MB1AAP2 Datasheet(HTML) 22 Page - Amphenol PCD, Inc

Back Button M28840/20MB1AAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 22Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 23Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 24Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 25Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
42
43
M39029/84 STANDARD DUTY ELECTRICAL SOCKET CONTACT
Mating End Size
Wire Accomodation
Military P/N
Amphenol P/N
20
20-24 AWG
M39029/84-509
IN39029/84-509
20
22-26 AWG
M39029/84-452
IN39029/84-452
20
28-32 AWG
M39029/84-453
IN39029/84-453
Standard Socket Crimp Contact for MIL-DTL-28840 Connectors
Materials & Finish
Pin Contact: Copper Alloy per ASTM B197, 50 Micro inches Gold plated per ASTM B488 Type II
Code C Class 1. 27 over nickel plate per QQ-N-290 Class 2, 50-100 micro inches.
Socket Contact Hood: Stainless Steel, passivated per AMS-QQ-P-35.
Size
Military P/N
Amphenol P/N
B Ø
C Ø
Color Bands
1st
2nd
3rd
20
M39029/84-509
IN39029/84-509
(.050) 1.27
(.048) 1.21
(.032) 0.81
(.026) 0.66
Green
Black
White
20
M39029/84-452
IN39029/84-452
(.0355) 0.91
(.0335) 0.86
(.032) 0.81
(.026) 0.66
Yellow
Green
Red
20
M39029/84-453
IN39029/84-453
(.0200) 0.52
(.0180) 0.45
(.022) 0.56
(.018) 0.45
Yellow
Green
Orange
Size
Military P/N
Amphenol P/N
AWG Handling
Crimp Tool
Positioner
Insertion Tool
Extraction Tool
20
M39029/84-509
IN39029/84-509
20, 22, 24
M22520/34-01
M22520/34-02
M81969/33-01
M81969/34-01
20
M39029/84-452
IN39029/84-452
22, 24, 26
M22520/34-01
M22520/34-02
M81969/33-01
M81969/34-01
20
M39029/84-453
IN39029/84-453
28, 30, 32
M22520/34-01
M22520/34-02
M81969/33-01
M81696/34-01
Size
Military P/N
Durability
(Meets SAE-AS39029, paragraph 3.5.9) No electrical or mechanical defects after 500 cycles of engagement & disengagement
Contact Retention
(Meets MIL-DTL-38999, paragraph 3.23) The axial displacement of the contact shall not exceed .012 inch (0.30 mm). No dam-
age to contacts or inserts shall result.
Pin Engagement End
(Meets SAE-AS39029 paragraph 3.4.1) Unless otherwise specified, the mating end of all contacts (except size 22 and smaller)
shall be formed with an approximate spherical radius.
Permeability
(Meets SAE-AS39029, paragraph 3.5.1) When tested as specified in paragraph 4.7.2, the relative magnetic permeability of the
contact shall be no greater than 2.0.
Vibration
(Meets SAE-AS39029, paragraph 3.5.10) When contacts are tested as specified in paragraph 4.7.11, there shall be no electri-
cal discontinuity of 1 microsecond or greater. There shall be no defects detrimental to the mechanical or electrical perfor-
mance.
Salt Spray (corrosion)
(Meets SAE-AS39029, paragraph 3.5.12) When tested as specified in 4.7.13. mated contacts shall withstand 48 hours of salt
spray conditioning without defects detrimental to the mechanical or electrical performance.
Temperature life
(Meets SAE-AS39029, paragraph 3.5.13) When tested as specified in paragraph 4. 7. 14, mated contacts shall withstand tem-
perature conditioning for 1,000 hours without defects detrimental to mechanical or electrical performance. There shall be no
diffusion/migration of the base metal through the contact outer plating Class A - Maximum operating temperature +125°C.
per paragraph 1.2.2
Dielectric withstanding voltage (Meets SAE-AS39029, paragraph 3.5.19) When tested as specified in paragraph 4.7.20, crimped contacts shall show no evi-
dence of breakdown or flashover.
Workmanship
(Meets SAE-AS39029, paragraph 3.7) Contacts shall be processed in such a manner as to be uniform in quality and shall be
free from foreign material & burrs or sharp corners that might damage the connector or affect mating of the contacts. Burrs
& sharp edges shall be removed 0.005 inch max. (0.13mm)
M39029/83 STANDARD DUTY ELECTRICAL PIN CONTACT
Mating End Size
Wire Accomodation
Military P/N
Amphenol P/N
20
20-24 AWG
M39029 /83-508
IN39029/83-508
20
22-26 AWG
M39029 /83-450
IN39029/83-450
20
28-32 AWG
M39029 /83-451
IN39029/83-451
Standard Pin Crimp Contact for MIL-DTL-28840 Connectors
Materials & Finish
Pin Contact: Copper Alloy per ASTM B197, 50 Micro inches Gold plated per ASTM B488 Type II
Code C Class 1. 27 over nickel plate per QQ-N-290 Class 2, 50-100 micro inches.
Size
Military P/N
Amphenol P/N
B Ø
C Ø
Color Bands
1st
2nd
3rd
20
M39029 /83-508
IN39029/83-508
(.050) 1.27
(.048) 1.21
(.032) 0.81
(.26) 0.66
Green
Black
Grey
20
M39029 /83-450
IN39029/83-450
(.0355) 0.91
(.0355) 0.86
(.032) 0.81
(.026) 0.66
Yellow
Green
Black
20
M39029 /83-451
IN39029/83-451
(.0200) 0.50
(.0180) 0.45
(.022) 0.56
(.018) 0.46
Yellow
Green
Brown
Size
Military P/N
Amphenol P/N
AWG Handling
Crimp Tool
Positioner
Insertion Tool
Extraction Tool
20
M39029 /83-508
IN39029/83-508
20, 22, 24
M22520/34-01
M22520/34-02
M81969/33-01
M81969/34-01
20
M39029 /83-450
IN39029/83-450
22, 24, 26
M22520/34-01
M22520/34-02
M81969/33-01
M81969/34-01
20
M39029 /83-451
IN39029/83-451
28, 30, 32
M22520/34-01
M22520/34-02
M81969/33-01
M81969/34-01
Size
Military P/N
Durability
(Meets SAE-AS39029, paragraph 3.5.9) No electrical or mechanical defects after 500 cycles of engagement & disengagement
Contact Retention
(Meets MIL-DTL-38999, paragraph 3.23) The axial displacement of the contact shall not exceed .012 inch (0.30 mm). No dam-
age to contacts or inserts shall result.
Pin Engagement End
(Meets SAE-AS39029 paragraph 3.4.1) Unless otherwise specified, the mating end of all contacts (except size 22 and smaller)
shall be formed with an approximate spherical radius.
Permeability
(Meets SAE-AS39029, paragraph 3.5.1) When tested as specified in paragraph 4.7.2, the relative magnetic permeability of the
contact shall be no greater than 2.0.
Vibration
(Meets SAE-AS39029, paragraph 3.5.10) When contacts are tested as specified in paragraph 4.7.11, there shall be no electri-
cal discontinuity of 1 microsecond or greater. There shall be no defects detrimental to the mechanical or electrical perfor-
mance.
Salt Spray (corrosion)
(Meets SAE-AS39029, paragraph 3.5.12) When tested as specified in 4.7.13. mated contacts shall withstand 48 hours of salt
spray conditioning without defects detrimental to the mechanical or electrical performance.
Temperature life
(Meets SAE-AS39029, paragraph 3.5.13) When tested as specified in paragraph 4. 7. 14, mated contacts shall withstand tem-
perature conditioning for 1,000 hours without defects detrimental to mechanical or electrical performance. There shall be no
diffusion/migration of the base metal through the contact outer plating Class A - Maximum operating temperature +125°C.
per paragraph 1.2.2
Dielectric withstanding voltage (Meets SAE-AS39029, paragraph 3.5.19) When tested as specified in paragraph 4.7.20, crimped contacts shall show no evi-
dence of breakdown or flashover.
Workmanship
(Meets SAE-AS39029, paragraph 3.7) Contacts shall be processed in such a manner as to be uniform in quality and shall be
free from foreign material & burrs or sharp corners that might damage the connector or affect mating of the contacts. Burrs
& sharp edges shall be removed 0.005 inch max. (0.13mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com