Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28840/20MB1AAP2 Datasheet(PDF) 10 Page - Amphenol PCD, Inc

Part # M28840/20MB1AAP2
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20MB1AAP2 Datasheet(HTML) 10 Page - Amphenol PCD, Inc

Back Button M28840/20MB1AAP2 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 9Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20MB1AAP2 Datasheet HTML 14Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
18
19
TABLE A
Backshell
Shell Size
DASH #
Military
Shell Size
Cable Range
E Ø Max.
F Max. Style A
H Max. Style B
Min
Max.
A
01
A
(.188) 4.77
(.312) 7.92
(1.156) 29.36
(5.879) 149.33
(4.199) 106.65
A
02
B
(.188) 4.77
(.312) 7.92
(5.879) 149.33
(4.199) 106.65
B
03
B
(.281) 7.14
(.438) 11.12
(5.932) 150.67
(4.252) 108.00
A
04
C
(.188) 4.77
(.312) 7.92
(1.281) 32.54
(6.092) 154.74
(4.412) 112.06
B
05
C
(.281) 7.14
(.438) 11.12
(6.146) 156.11
(4.466) 113.44
C
06
C
(.344) 8.74
(.562) 14.27
(6.202) 157.53
(4.522) 114.86
D
07
C
(.438) 11.12
(.750) 19.05
(1.406) 35.71
(6.533) 165.94
(4.853) 123.27
A
08
D
(.375) 9.82
(.625) 15.87
(6.413) 1626.89
(4.733) 120.22
B
09
D
(.438) 11.12
(.750) 19.05
(6.533) 165.94
(4.853) 123.27
C
10
D
(.625) 15.87
(.938) 23.82
(1.531) 38.89
(6.636) 168.55
(4.956) 125.88
A
11
E
(.375) 9.52
(.625) 15.87
( 1.406) 35.71
(6.413) 162.89
(4.733) 120.22
B
12
E
(.625) 15.87
(.938) 23.82
(1.531) 38.89
(6.846) 173.89
(5.166) 131.22
A
13
F
(.438) 11.12
(.750) 19.05)
(1.406) 25.71
(6.747) 171.37
(5.067) 128.70
B
14
F
(.625) 15.87
(.938)23.82
(1.531) 38.89
(6.846) 173.89
(5.166) 131.22
C
15
F
(.812) 20.62
(1.188) 30.17
(1.781) 45.24
(7.103) 180.42
(5.423) 138.23
A
16
G
(.625) 15.87
(.938) 23.82
(1.531) 38.89
(6.846) 173.89
(5.156) 130.96
B
17
G
(.812) 20.62
(1.188) 30.17
(1.781) 45.24
(7.103) 180.42
(5.423) 138.23
C
18
G
(.875) 22.23
(1.250) 31.75
(7.316) 185.83
(5.636) 143.15
D
19
G
(1.000) 25.40
(1.380) 35.05
(2.156) 54.76
(7.425) 188.60
(5.745) 145.92
A
20
H
(.812) 20.62
(1.188) 30.17
(1.781) 45.24
(7.316) 185.83
(5.636) 143.15
B
21
H
(1.000)25.40
(1.380) 35.05
(2.156) 54.76
(7.425) 188.60
(5.745) 145.92
A
22
J
(1.380) 35.05
(1.000) 25.40
(2.281) 57.94
(7.852) 199.44
(6.127) 156.77
B
23
J
(1.625) 41.28
(1.250) 31.75
(6.454) 163.93
(6.454) 163.93
B
24
A
(.438) 11.12
(.281) 7.14
(1.156) 29.36
(5.932) 150.67
(4.252) 108.00
C
25
A
(.562) 14.27
(.344) 8.74
(1.281) 32.54
(6.202) 157.53
(4.522) 114.86
C
26
B
(.562) 14.27
(.344) 8.74
(1.281) 32.54
(6.202) 157.53
(4.522) 114.86
D
27
B
(.625) 15.87
(.375) 9.52
(1.406)35.71
(6.413) 162.89
(4.733) 120.22
E
28
C
(.625) 15.87
(.375) 9.50
(6.413) 162.89
(4.733) 120.22
M28840/9 45o EMI/RFI ENVIRONMENTAL BACKSHELL
TABLE A
Backshell
Shell Size
DASH #
Military
Shell Size
V Thread Class
X Ref. Dimension
Y Ref. Dimension
A
01
A
.625-24 UNEF
(1.281) 32.5
(.938) 23.82
A
02
B
.625-24 UNEF
(.938) 23.82
B
03
B
.750-20 UNEF
(1.125) 28.57
A
04
C
.625-24 UNEF
(.938) 23.82
B
05
C
.750-20 UNEF
(1.125) 28.57
C
06
C
.875-20 UNEF
(1.312) 33.32
D
07
C
1.188-18 UNEF
(1.312) 33.32
(1.593) 40.62
A
08
D
1.000-20 UNEF
(1.281) 32.54
(1.312) 33.32
B
09
D
1.188-18 UNEF
(1.312) 33.32
(1.593) 40.62
C
10
D
1.438-18 UNEF
(1.406) 35.71
(1.750) 44.45
A
11
E
1.000-20 UNEF
(1.281) 32.54
(1.312) 33.32
B
12
E
1.438-18 UNEF
(1.406) 35.71
(1.750) 44.45
A
13
F
1.188-18 UNEF
(1.312) 33.32
(1.593) 40.62
B
14
F
1.438-18 UNEF
(1.406) 35.71
(1.750) 44.45
C
15
F
1.750-18 UNS
(1.593) 40.46
(2.093) 53.16
A
16
G
1.438-18 UNEF
(1.406) 35.71
(1.750) 44.45
B
17
G
1.750-18 UNS
(1.593) 40.46
(2.093) 53.16
C
18
G
1.750-18 UNS
(1.593) 40.46
(2.093) 53.16
D
19
G
2.000-16 UNS
(1.625) 41.28
(2.343) 59.51
A
20
H
1.750-18 UNS
(1.593) 40.46
(2.093) 53.16
B
21
H
2.000-18 UNS
(1.625) 41.28
(2.343) 59.51
A
22
J
2.000-18 UNS
(1.625) 41.28
(2.343) 59.51
B
23
J
2.250-16 UNS
(1.900) 48.26
(2.750) 69.85
B
24
A
.750-20 UNEF
(1.281) 32.54
(1.125) 28.57
C
25
A
.875-20 UNEF
(1.312) 33.32
C
26
B
.875-20 UNEF
D
27
B
1.000-20 UNEF
E
28
C
1.000-20 UNEF
M28840/10 WALL MOUNT RECEPTACLE CONNECTOR
M28840/10
A
G
1
P
1
DESIGNATION
MATERIAL & MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/10
Commercial: IN28840/10
A: Aluminum, Cadmium Plate, O.D.
over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2A
V
Thread Class 2A
O
Ref. Mating Hole
R True Position
to
S
T Ø
A
11
.750-.1P-.2L-D.S.
.750-20 UNEF
(.812) 20.62
(.750) 19.05
(1.043) 26.49
(1.003) 25.48
(.130) 3.30
(.115) 2.92
B
13
.875-.1P-.2L-D.S.
.875-20 UNEF
(.937) 23.80
(.843) 21.41
(1.158) 29.41
(1.118) 28.40
C
15
1.062-.1P-.2L-D.S.
1.000-20 UNEF
(1.124) 28.55
(.968) 24.59
(1.278) 32.46
(1.238) 31.45
D
17
1.125-.1P-.2L-D.S.
1.125-18 UNEF
(1.187) 30.15
(1.01) 25.78
(1.403) 35.64
(1.363) 34.62
E
19
1.312-.1P-.2L-D.S.
1.250-18 UNEF
(1.374) 34.90
(1.140) 28.96
(1.528) 38.81
(1.488) 37.80
F
23
1.500-.1P-.2L-D.S.
1.437-18 UNEF
(1.562) 39.67
(1.281) 32.54
(1.738) 44.15
(1.698) 43.13
G
25
1.625-.1P-.2L-D.S.
1.562-18 UNEF
(1.687) 42.85
(1.392) 35.36
(1.838) 46.69
(1.798) 45.67
(.157) 3.99
(.142) 3.61
H
29
1.812-.1P-.2L-D.S.
1.875-16 UN
(1.874) 47.60
(1.568) 39.83
(2.158) 54.81
(2.118) 53.80
J
33
2.000-.1P-.2L-D.S.
2.062-16 UNS
(2.062) 52.37
(1.734) 44.04
(2.348) 59.64
(2.308) 58.62
(.183) 4.65
(.168) 4.27
CL CL
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com