Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT3400B Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT3400B
Description  FAST RECOVERY RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT3400B Datasheet(HTML) 1 Page - STMicroelectronics

  BYT3400B Datasheet HTML 1Page - STMicroelectronics BYT3400B Datasheet HTML 2Page - STMicroelectronics BYT3400B Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYT3400B(-TR)
®
October 1999 - Ed : 1C
FAST RECOVERY RECTIFIER DIODE
IF(AV)
3 A
VRRM
400 V
VF (max)
1.4 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
SURFACE MOUNT PACKAGE
TAPE AND REEL OPTION : -TR
FEATURES AND BENEFITS
Single high voltage rectifier suited to Switch Mode
Power Supplies and other power converters.
DESCRIPTION
DPAK
(Plastic)
4
3
2
1 (nc)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
Tcase = °C
δ = 0.5
3
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
60
A
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum junction temperature
150
°C
ABSOLUTE MAXIMUM RATINGS
3
2, 4 (Tab)
Symbol
Parameter
Value
Unit
RTH (j-c)
Junction to case
TBD
°C/W
THERMAL RESISTANCES
Symbol
Tests Conditions
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25
°CVR = VRRM
20
µA
Tj = 100
°C0.5
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 3 A
1.5
V
Tj = 100
°CIF = 3 A
1.4
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp = 5 ms,
δ < 2 %
** tp = 380
µs, δ < 2%
1/3


Similar Part No. - BYT3400B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT3/49DB-600 NXP-BYT3/49DB-600 Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
BYT3/49DD-600 NXP-BYT3/49DD-600 Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
BYT3/49DG-600 NXP-BYT3/49DG-600 Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
BYT3/49DX-600 NXP-BYT3/49DX-600 Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
BYT3/49FB-600 NXP-BYT3/49FB-600 Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
More results

Similar Description - BYT3400B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
RU3YX EIC-RU3YX_V01 Datasheet
78Kb / 2P
FAST RECOVERY RECTIFIER DIODE
Rev. 02 : March 25, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com