Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1500 Datasheet(PDF) 1 Page - Duracell

Part # PC1500
Description  Alkaline-Manganese Dioxide Battery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURACELL [Duracell]
Direct Link  https://www.duracell.com/
Logo DURACELL - Duracell

PC1500 Datasheet(HTML) 1 Page - Duracell

  PC1500 Datasheet HTML 1Page - Duracell PC1500 Datasheet HTML 2Page - Duracell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This data is subject to change. Performance information is typical. Contact Duracell for the latest information
Delivered capacity is dependent on the applied load, operating temperature and cut-off voltage. Please refer to the charts
and discharge data shown for examples of the energy / service life that the battery will provide for various load conditions.
**
8/06
1.0 mm
MIN.
(
+ )
14.5
13.5
5.5 mm
Max.
(
– )
50.5
49.5
Dimensions shown are ANSI standards
mm
mm
TYPICAL DISCHARGE CHARACTERISTICS AT 21°C (70°F)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
20
40
60
80
100
120
Service Hours
3.9 OHMS
10 OHMS
24 OHMS
43 OHMS
PC1500
Size: AA (LR6)
Alkaline-Manganese Dioxide Battery
Nominal Voltage:
1.5 V
Impedance:
Typical Weight:
24 gm (0.8 oz.)
Typical Volume:
8.4 cm
3
(0.5 in.
3
)
Terminals:
Flat
Operating Temperature
Range:
-20
o
C to 54
o
C
(-4
o
F to 130
o
F)
ANSI:
IEC:
15A
LR6
Operating Voltage
Storage Temperature
Range:
1.6 - 0.75V
-20
o
C to 35
o
C
120 m-ohm @ 1kHz
Berkshire Corporate Park
Berkshire Corporate Park
Berkshire Corporate Park
Berkshire Corporate Park
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Telephone: Toll-free 1-800-544-5454
Telephone: Toll-free 1-800-544-5454
Internet: www.
Internet: www.duracell
duracell.com
.com
PC1500_US_PC.PDF
Page 1 of 2


Similar Part No. - PC1500

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC150-10V1 PREMO-PC150-10V1 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
PC150-12H3 PREMO-PC150-12H3 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
PC150-12V3 PREMO-PC150-12V3 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
PC150-14H4 PREMO-PC150-14H4 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
PC150-14V4 PREMO-PC150-14V4 Datasheet
437Kb / 4P
Common mode chokes with Ferrite cores
More results

Similar Description - PC1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1216 ETC-CR1216 Datasheet
60Kb / 2P
Lithium Manganese Dioxide Battery
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
LR54 ETC-LR54 Datasheet
43Kb / 1P
Alkaline Manganese Dioxide Battery
CR17450 ETC-CR17450 Datasheet
125Kb / 1P
MANGANESE DIOXIDE LITHIUM BATTERY
MN9100 ETC2-MN9100 Datasheet
84Kb / 2P
Alkaline Manganese Dioxide Battery
logo
Panasonic Battery Group
6LR61XWA PANASONICBATTERY-6LR61XWA Datasheet
201Kb / 2P
Alkaline-Zinc/Manganese Dioxide
logo
List of Unclassifed Man...
MN1400 ETC2-MN1400 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
logo
Duracell
DL2450 DURACELL-DL2450 Datasheet
537Kb / 1P
Lithium Manganese Dioxide Battery
LR43 DURACELL-LR43 Datasheet
176Kb / 1P
Alkaline Manganese Dioxide Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com