Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1500 Datasheet(PDF) 2 Page - Duracell

Part # PC1500
Description  Alkaline-Manganese Dioxide Battery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURACELL [Duracell]
Direct Link  https://www.duracell.com/
Logo DURACELL - Duracell

PC1500 Datasheet(HTML) 2 Page - Duracell

  PC1500 Datasheet HTML 1Page - Duracell PC1500 Datasheet HTML 2Page - Duracell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This data is subject to change. Performance information is typical. Contact Duracell for the latest information
Delivered capacity is dependent on the applied load, operating temperature and cut-off voltage. Please refer to the charts
and discharge data shown for examples of the energy / service life that the battery will provide for various load conditions.
**
8/06
TYPICAL DISCHARGE CHARACTERISTICS
AT 21°C (70°F)
Amp Hours
TYPICAL DISCHARGE CHARACTERISTICS
AT 21°C (70°F)
TYPICAL CONSTANT CURRENT DISCHARGE
CHARACTERISTICS AT 21°C (70°F)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
02
46
8
10
Service Hours
1.00 Amp
0.75 Amp
0.50 Amp
0.25 Amp
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
00.5
1
1.5
22.5
1.00 Watt
0.75 Watt
0.50 Watt
0.25 Watt
PC1500
Size: AA (LR6)
Alkaline-Manganese Dioxide Battery
0
0.5
1
1.5
2
2.5
3
50
100
250
500
Discharge Current (mA)
4 H/D
1 H/D
1 H/D
30 M/D
TYPICAL DISCHARGE PERFORMANCE
AT 21°C (70°F)
PC1500_US_PC.PDF
Page 2 of 2
1
10
100
1000
1
10
100
1000
Discharge Current (mA)
1.1 V
1.0 V
0.9 V
0.8 V
Berkshire Corporate Park
Berkshire Corporate Park
Berkshire Corporate Park
Berkshire Corporate Park
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Bethel, CT 06801 U.S.A.
Telephone: Toll-free 1-800-544-5454
Telephone: Toll-free 1-800-544-5454
Internet: www.
Internet: www.duracell
duracell.com
.com
TYPICAL DC RESISTANCE CHARACTERISTICS
AT 21°C (70°F)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Depth of Discharge
0
0.2
0.6
0.8
1
1.2
1.4
1.6
1.8
Low drain: 0.1A/1 hour - 0.5A/1 sec
High drain: 1A/5 min - 2A/1 sec
High drain
Low drain
High drain
Low drain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com