Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA710 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 12Page - Monolithic Power Systems MA710 Datasheet HTML 13Page - Monolithic Power Systems MA710 Datasheet HTML 14Page - Monolithic Power Systems MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems MA710 Datasheet HTML 18Page - Monolithic Power Systems MA710 Datasheet HTML 19Page - Monolithic Power Systems MA710 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
16
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 14: Example Write Output Rotation Direction (RD) to Counterclockwise (High), on Register 9, Bit 7
SSI
SSI is a 2-wire synchronous serial interface for
data reading only. The sensor operates as a
slave to the external SSI master and supports
only angle reading. It is not possible to read or
write registers by SSI.
SSI Communication
Unlike SPI, the sensor SSI only supports angle
reading operation. It is not possible to read or
write
registers
using
SSI.
SSI
timing
communication is shown in Figure 15 and Table
5.
Figure 15: SSI Timing
Table 5: SSI Timing
Parameter
Description
Min
Max
Unit
tssd
15
ns
tssck
SSCK period
0.04
16
µs
tssckL
Low level of SSCK signal
0.02
8
µs
tssckH
High level of SSCK signal
0.02
8
µs
tm
Transfer timeout (monoflop time)
25
µs
tp
Dead time: SSCK high time for next data reading
40
µs
SSI Read Angle
The bit order of the transmitted data is MSB first
and
LSB
last.
Every
1µs,
new
data
is
transferred into the output buffer. The master
device triggers the reading by driving SSCK
high. A full reading requires up to 17 clock
counts (see Figure 16).
The first clock is a dummy clock to start the
transmission. The data length is up to 16 bits
long. See the data output length section in the
General Characteristics table on page 5 for the
number of useful bits delivered at the serial
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com