Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA710 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MA710
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MA710 Datasheet HTML 1Page - Monolithic Power Systems MA710 Datasheet HTML 2Page - Monolithic Power Systems MA710 Datasheet HTML 3Page - Monolithic Power Systems MA710 Datasheet HTML 4Page - Monolithic Power Systems MA710 Datasheet HTML 5Page - Monolithic Power Systems MA710 Datasheet HTML 6Page - Monolithic Power Systems MA710 Datasheet HTML 7Page - Monolithic Power Systems MA710 Datasheet HTML 8Page - Monolithic Power Systems MA710 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MagAlpha MA710
12-Bit, Digital, Contactless Angle Sensor
with ABZ Incremental & PWM Outputs
MA710 Rev. 1.0
www.MonolithicPower.com
1
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MA710
detects the
absolute
angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. Fast data acquisition and processing
provide accurate angle measurement at speeds
from 0 to 60,000 rpm.
The MA710 is particularly suitable for low
magnetic
field
applications:
side-shaft
configuration or the use of non-rare earth
magnets.
The MA710 features magnetic field strength
detection with programmable thresholds to
allow sensing of the magnet position relative to
the sensor for creation of functions such as the
sensing of axial movements or for diagnostics.
On-chip non-volatile memory provides storage
for
configuration
parameters,
including
the
reference zero angle position, ABZ encoder
settings,
and
magnetic
field
detection
thresholds.
FEATURES
 12-Bit Resolution Absolute Angle Encoder
 15mT Minimum Magnetic Field
 Contactless Sensing for Long Life
 SPI Serial Interface for Digital Angle
Readout and Chip Configuration
 Incremental
10-Bit
ABZ
Quadrature
Encoder
Interface
with
Programmable
Pulses Per Turn from 1-256
 PWM Output 12-Bit
 Programmable Magnetic Field Strength
Detection for Diagnostic Checks
 3.3V, 12mA Supply
 -40°C to +125°C Operating Temperature
 Available
in
a
QFN-16
(3mmx3mm)
Package
APPLICATIONS
 General Purpose Angle Measurement
 Angle Encoders
 Automotive Angle or Speed Sensors
 Robotics
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MA710

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA710 MPS-MA710 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA710 MPS-MA710 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA710 MPS-MA710 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Taoglas antenna solutio...
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
IP67 Waterproof
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
1Mb / 20P
Pantheon Antenna 3in1 MA.710 Screw-Mount
More results

Similar Description - MA710

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
logo
ams AG
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Analog Devices
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
12-Bit Digital Temperature Sensor
Rev. A
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
logo
MPS Industries, Inc.
MAQ430 MPSIND-MAQ430 Datasheet
1Mb / 30P
12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
Rev. 1.2 8/8/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com