Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA710GQ Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MA710GQ
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710GQ Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MA710GQ Datasheet HTML 17Page - Monolithic Power Systems MA710GQ Datasheet HTML 18Page - Monolithic Power Systems MA710GQ Datasheet HTML 19Page - Monolithic Power Systems MA710GQ Datasheet HTML 20Page - Monolithic Power Systems MA710GQ Datasheet HTML 21Page - Monolithic Power Systems MA710GQ Datasheet HTML 22Page - Monolithic Power Systems MA710GQ Datasheet HTML 23Page - Monolithic Power Systems MA710GQ Datasheet HTML 24Page - Monolithic Power Systems MA710GQ Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
21
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 22: Relation between the Error Measured
with BCT = 0 and the Magnet Ratio k
Sensor Orientation
From the dot marked on the package, it is
possible to know whether the radial field is
aligned with the sensor coordinate X or Y (see
Figure 23).
Figure 18: Package Top View with X and Y Axes
Determine which axis needs to be reduced (see
the qualitative field distribution around a ring in
Figure 19). For instance, with the arrangement
depicted in Figure 23, the field along the sensor
Y direction is tangential and weaker. The X-axis
should be reduced (ETX = 1 and ETY = 0).
Note that if both ETX and ETY are set to 1, the
current bias is reduced in both directions the
same way (i.e.: without side-shaft correction)
(see Table 14).
Table 14: Trimming Direction Parameters
ETX
Enable Trimming of the X-Axis
0
Disabled
1
Enabled
ETY
Enable Trimming of the Y-Axis
0
Disabled
1
Enabled
Magnetic Field Thresholds
The magnetic flags (MGL and MGH) indicate
that the magnetic field at the sensor position is
out a range defined by the lower (MGLT) and
upper magnetic field thresholds (MGHT) (see
Figure 24).
Figure 19: MGH and MGL Signals as a Function
of the Field Strength
MagHys, the typical hysteresis on the signals
MGH and MGL is 6mT. The MGLT and MGHT
thresholds are coded on three bits and stored in
register 6 (see Table 15).
Table 15: Register 6
Register 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MGLT
MGHT
-
-
The
3-bit
values
of
MGLT
and
MGHT
correspond to the magnetic field (see Table 16).
Table 16: MGLT and MGHT: Binary to mT
Relation
MGLT or
MGHT
(8)
Field threshold in mT
(7)
From low to high
magnetic. field
From high to low
magnetic. field
000
26
20
001
41
35
010
56
50
011
70
64
100
84
78
101
98
92
110
112
106
111
126
120
NOTES:
7)
Valid for VDD=3.3V. If different then field threshold is scaled
by the factor VDD/3.3V.
8)
MGLT can have a larger value than MGHT.
The alarm flags MGL and MGH are available to
be read in register 27 (bit 6, bit 7), and their
logic state is also given at the digital output pins
11 and 16.
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
E (deg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com