Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA710GQ Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MA710GQ
Description  12-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710GQ Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MA710GQ Datasheet HTML 9Page - Monolithic Power Systems MA710GQ Datasheet HTML 10Page - Monolithic Power Systems MA710GQ Datasheet HTML 11Page - Monolithic Power Systems MA710GQ Datasheet HTML 12Page - Monolithic Power Systems MA710GQ Datasheet HTML 13Page - Monolithic Power Systems MA710GQ Datasheet HTML 14Page - Monolithic Power Systems MA710GQ Datasheet HTML 15Page - Monolithic Power Systems MA710GQ Datasheet HTML 16Page - Monolithic Power Systems MA710GQ Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
MA710 – 12-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA710 Rev. 1.0
www.MonolithicPower.com
13
9/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
SPI Communication
The sensor supports three types
of
SPI
operation:
 Read angle
 Read configuration register
 Write configuration register
Each operation has a specific frame structure
described below.
SPI Read Angle
Every 1µs, new data is transferred into the
output buffer. The master device triggers the
reading by pulling CS low.
When a trigger event is detected, the data
remains in the output buffer until the CS signal
is de-asserted (see Table 4).
Table 4: Sensor Data Timing
Event
Action
CS falling edge
Start reading and freeze
output buffer
CS rising edge
Release of the output buffer
See Figure 9 for a diagram of a full SPI angle
reading. See Figure 10 for a partial SPI angle
reading. A full angle reading requires 16 clock
pulses. The sensor MISO line returns:
MSB
LSB
MISO
Angle(15:0)
MOSI
0
The MagAlpha family has sensors with different
features and levels of resolution. See the data
output
length
section
in
the
General
Characteristics table on page 5 for the number
of useful bits delivered at the serial output. If the
data length is smaller than 16, the rest of the
bits sent are zeros. For example, a data output
length of 12 bits means that the serial output
delivers a 12-bit angle value with four bits of
zeros padded at the end (MISO state remains
zero). If the master sends 16 clock counts, the
MagApha replies with:
MSB
LSB
MISO
Angle(15:4)
0 0 0 0
MOSI
0
Angle reading can be therefore optimized,
without any loss of information, by reducing the
number of clock counts. In the case of a 12-bit
data output length, only 12 clock counts are
required to get the full sensor resolution.
MSB
LSB
MISO
Angle(15:4)
MOSI
0
If less resolution is needed, the angle can be
read by sending even fewer clock counts (since
the MSB is first).
In case of fast reading, the MagAlpha continues
sending the same data until the data is
refreshed. See the refresh rate section in the
General Characteristics table on page 5.
Figure 9: Diagram of a Full 16-Bit SPI Angle
Reading
Figure 10: Diagram of a Partial 8-Bit SPI Angle
Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com