Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301DWVR Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC1301DWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 6Page - Texas Instruments AMC1301DWVR Datasheet HTML 7Page - Texas Instruments AMC1301DWVR Datasheet HTML 8Page - Texas Instruments AMC1301DWVR Datasheet HTML 9Page - Texas Instruments AMC1301DWVR Datasheet HTML 10Page - Texas Instruments AMC1301DWVR Datasheet HTML 11Page - Texas Instruments AMC1301DWVR Datasheet HTML 12Page - Texas Instruments AMC1301DWVR Datasheet HTML 13Page - Texas Instruments AMC1301DWVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
6.9 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C (for AMC1301S: TA = –55°C to +125°C), VDD1 =
3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP = –250 mV to +250 mV, and INN = GND1; typical specifications are at TA = 25°C,
VDD1 = 5 V, and VDD2 = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD1
High-side supply current
3.0 V ≤ VDD1 ≤ 3.6 V
6.3
8.5
mA
4.5 V ≤ VDD1 ≤ 5.5 V
7.2
9.8
IDD2
Low-side supply current
3.0 V ≤ VDD2 ≤ 3.6 V
5.3
7.2
mA
4.5 V ≤ VDD2 ≤ 5.5 V
5.9
8.1
(1)
The typical value includes one standard deviation (sigma) at nominal operating conditions.
(2)
This parameter is input referred.
(3)
THD is the ratio of the rms sum of the amplitues of first five higher harmonics to the amplitude of the fundamental.
(4)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCVOS = (VOS,MAX - VOS,MIN) / TempRange where VOS,MAX and VOS,MIN refer to the maximum and minimum VOS values measured
within the temperature range (–40 to 125
℃).
(5)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = ((EG,MAX - EG,MIN) / TempRange) x 104 where EG,MAX and EG,MIN refer to the maximum and minimum EG values (in %)
measured within the temperature range (–40 to 125
℃).
6.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
2.0
µs
tf
Output signal fall time
2.0
µs
VINx to VOUTx signal delay (50% - 10%)
Unfiltered output
0.7
2.0
µs
VINx to VOUTx signal delay (50% - 50%)
Unfiltered output
1.6
2.6
µs
VINx to VOUTx signal delay (50% - 90%)
Unfiltered output
2.5
3
µs
6.11 Timing Diagram
INP - INN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
250 mV
250 mV
–
0
V
CMout
Figure 6-1. Rise, Fall, and Delay Time Definition
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com