Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301DWVR Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC1301DWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301DWVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1301DWVR Datasheet HTML 7Page - Texas Instruments AMC1301DWVR Datasheet HTML 8Page - Texas Instruments AMC1301DWVR Datasheet HTML 9Page - Texas Instruments AMC1301DWVR Datasheet HTML 10Page - Texas Instruments AMC1301DWVR Datasheet HTML 11Page - Texas Instruments AMC1301DWVR Datasheet HTML 12Page - Texas Instruments AMC1301DWVR Datasheet HTML 13Page - Texas Instruments AMC1301DWVR Datasheet HTML 14Page - Texas Instruments AMC1301DWVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
6.12 Insulation Characteristics Curves
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
D043
VDD1 = VDD2 = 3.6 V
VDD1 = VDD2 = 5.5 V
Figure 6-2. Thermal Derating Curve for Safety-Limiting Current
per VDE
TA (°C)
0
50
100
150
200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
D044
Figure 6-3. Thermal Derating Curve for Safety-Limiting Power
per VDE
TA up to 150°C, stress voltage frequency = 60 Hz
Figure 6-4. Reinforced Isolation Capacitor Lifetime Projection
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com