Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT60P-1000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYT60P-1000
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-1000 Datasheet(HTML) 2 Page - STMicroelectronics

  BYT60P-1000 Datasheet HTML 1Page - STMicroelectronics BYT60P-1000 Datasheet HTML 2Page - STMicroelectronics BYT60P-1000 Datasheet HTML 3Page - STMicroelectronics BYT60P-1000 Datasheet HTML 4Page - STMicroelectronics BYT60P-1000 Datasheet HTML 5Page - STMicroelectronics BYT60P-1000 Datasheet HTML 6Page - STMicroelectronics BYT60P-1000 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF *
Forward voltage drop
Tj = 25
°CIF =60 A
1.9
V
Tj = 100
°C
1.8
IR **
Reverse leakage
current
Tj = 25
°CVR =VRRM
100
µA
Tj = 100
°C
6mA
Pulse test : * tp = 380
µs, δ <2%
** tp = 5 ms,
δ <2%
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
ISOTOP
Per diode
Total
0.8
0.45
°C/W
SOD93
Total
0.7
Rth(c)
Coupling
0.1
°C/W
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode) x Rth(j-c) (Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
To evaluate the conduction losses use the following equation:
P = 1.47 x IF(AV) + 0.005 IF
2
(RMS)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj=25
°CIF =1A VR = 30V dIF/dt = - 15A/µs
170
ns
IF = 0.5A IR =1A Irr = 0.25A
70
RECOVERY CHARACTERISTICS (per diode)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
tIRM
Ma xi mu m rev er se
r eco ve ry tim e
dIF/dt = - 240 A/
µsVCC = 200 V
IF =60 A
Lp
≤ 0.05 µH
Tj = 100
°C
(see fig. 13)
200
ns
dIF/dt = - 480 A/
µs
120
IRM
Ma xi mu m rev er se
r eco ve ry cur r ent
dIF/dt = - 240 A/
µs
40
A
dIF/dt = - 480 A/
µs
44
C=
VRP
VCC
Turn-off overvoltage
coefficient
Tj = 100
°CVCC = 200V
IF =IF(AV)
dIF/dt = - 60A/
µsLp = 2.5µH
(see fig. 14)
3.3
4.5
/
TURN-OFF SWITCHING CHARACTERISTICS
BYT60P-1000 / BYT261PIV-1000
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com