Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT60P-1000 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYT60P-1000
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT60P-1000 Datasheet(HTML) 3 Page - STMicroelectronics

  BYT60P-1000 Datasheet HTML 1Page - STMicroelectronics BYT60P-1000 Datasheet HTML 2Page - STMicroelectronics BYT60P-1000 Datasheet HTML 3Page - STMicroelectronics BYT60P-1000 Datasheet HTML 4Page - STMicroelectronics BYT60P-1000 Datasheet HTML 5Page - STMicroelectronics BYT60P-1000 Datasheet HTML 6Page - STMicroelectronics BYT60P-1000 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
250
300
350
400
450
500
IM(A)
P=100W
P=20W
P=70W
P=40W
T
δ=tp/T
tp
δ
Fig. 2-1: Peak current versus form factor (per
diode, ISOTOP).
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
Tamb(
°C)
IF(av)(A)
Rth(j-a)=2.5
°C/W
Rth(j-a)=Rth(j-c)
ISOTOP
SOD93
T
δ=tp/T
tp
Fig. 3: Average forward current versus ambient
temperature (
δ=0.5, per diode for ISOTOP).
0
10
20304050
6070
0
10
20
30
40
50
60
70
80
90
100
110
120
130
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1-1: Average forward power dissipation
versus average forward current (per diode,
ISOTOP).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
250
300
350
400
450
500
IM(A)
P=100W
P=20W
P=70W
P=40W
T
δ=tp/T
tp
δ
Fig. 2-2: Peak current versus form factor (SOD93).
0
10
20304050
6070
0
10
20
30
40
50
60
70
80
90
100
110
120
130
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ =1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1-2: Average forward power dissipation
versus average forward current (SOD93).
BYT60P-1000 / BYT261PIV-1000
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com