Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301SDWVR Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1301SDWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301SDWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1301SDWVR Datasheet HTML 17Page - Texas Instruments AMC1301SDWVR Datasheet HTML 18Page - Texas Instruments AMC1301SDWVR Datasheet HTML 19Page - Texas Instruments AMC1301SDWVR Datasheet HTML 20Page - Texas Instruments AMC1301SDWVR Datasheet HTML 21Page - Texas Instruments AMC1301SDWVR Datasheet HTML 22Page - Texas Instruments AMC1301SDWVR Datasheet HTML 23Page - Texas Instruments AMC1301SDWVR Datasheet HTML 24Page - Texas Instruments AMC1301SDWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7.3.3 Analog Output
The AMC1301 offers a differential analog output comprised of the OUTP and OUTN pins. For differential input
voltages (VINP – VINN) in the range from –250 mV to 250 mV, the device provides a linear response with a
nominal gain of 8.2. For example, for a differential input voltage of 250 mV, the differential output voltage (VOUTP
– VOUTN) is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage
VCMout, as specified in the Electrical Characteristics table. For absolute differential input voltages greater than
250 mV but less than 320 mV, the differential output voltage continues to increase in magnitude but with reduced
linearity performance. The outputs saturate at a differential output voltage of VCLIPout, as shown in Figure 7-2, if
the differential input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
320 mV
320 mV
250 mV
250 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP ± VINN)
VCMout
±
±
VCLIPout
VFAILSAFE
Figure 7-2. Output Behavior of the AMC1301
The AMC1301 offers a fail-safe feature that simplifies diagnostics on a system level. Figure 7-2 shows the
fail-safe mode, in which the AMC1301 outputs a negative differential output voltage that does not occur under
normal operating conditions. The fail-safe output is active in two cases:
• When the high-side supply is missing or below the VDD1UV threshold
• When the common-mode input voltage, that is VCM = (VINP + VINN) / 2, exceeds the common-mode
overvoltage detection level VCMov
Use the maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for
fail-safe detection on a system level.
7.4 Device Functional Modes
The AMC1301 assumes normal operation as soon as VDD1, VDD2, and the input common-mode voltage (VCM)
are within the operational ranges, as specified in Electrical Characteristics table. In this mode, the output voltage
is proportional to the input voltage.
The AMC1301 enters fail-safe mode whenever the high-side supply (VDD1) is missing or the input common-
mode voltage (VCM) exceeds the specified input-overvoltage detection level VCMov. In this mode, the differential
output voltage is a fixed, negative value (VFAILSAFE). See the Analog Output section for details.
www.ti.com
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com