Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301SDWVR Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC1301SDWVR
Description  AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1301SDWVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC1301SDWVR Datasheet HTML 18Page - Texas Instruments AMC1301SDWVR Datasheet HTML 19Page - Texas Instruments AMC1301SDWVR Datasheet HTML 20Page - Texas Instruments AMC1301SDWVR Datasheet HTML 21Page - Texas Instruments AMC1301SDWVR Datasheet HTML 22Page - Texas Instruments AMC1301SDWVR Datasheet HTML 23Page - Texas Instruments AMC1301SDWVR Datasheet HTML 24Page - Texas Instruments AMC1301SDWVR Datasheet HTML 25Page - Texas Instruments AMC1301SDWVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
With a low analog input voltage range, high DC accuracy, and low temperature drift, the AMC1301 is designed
for precision, shunt-based current sensing in applications requiring high voltage isolation.
8.2 Typical Application
Figure 8-1 shows the AMC1301 in a typical application of an AC motor drive. The load current flowing through
an external shunt resistor RSHUNT produces a voltage drop that is sensed by the AMC1301. The AMC1301
digitizes the analog input signal on the high-side, transfers the data across the isolation barrier to the low-side,
reconstructs the analog signal, and presents that signal as a differential voltage on the output pins.
The differential input, differential output, and the high common-mode transient immunity (CMTI) of the AMC1301
provide reliable and accurate operation even in high-noise environments.
10
10
RSHUNT
1 uF
100 nF
R4
Floating Gate
Driver Supply
+ DC Link
– DC Link
Load
5 V
D1
10 nF
1 nF
1 nF
VDD1
GND1
INP
INN
AMC1301
VDD2
OUTP
OUTN
GND2
1 uF
100 nF
10
10
Low-side supply
(3.3 V or 5 V)
ADC
10 nF
Figure 8-1. Using the AMC1301 for Current Sensing in a Typical Application
AMC1301
SBAS667G – APRIL 2016 – REVISED APRIL 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC1301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com