Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPRG4.A Datasheet(PDF) 52 Page - Texas Instruments

Part # AMC7836IPAPRG4.A
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPRG4.A Datasheet(HTML) 52 Page - Texas Instruments

Back Button AMC7836IPAPRG4.A Datasheet HTML 48Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 49Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 50Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 51Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 52Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 53Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 54Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 55Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
52
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.2.6 Manufacturer ID High Byte Register (address = 0x0D) [reset = 0x04]
Figure 73. Manufacturer ID High Byte Register
7
6
5
4
3
2
1
0
VENDORID-HIGH
R-0x04
Table 17. Manufacturer ID High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
VENDORID-HIGH
R
0x04
Manufacturer ID. High byte
7.6.3 Register Update (Buffered Registers): Address 0x0F
7.6.3.1 Register Update Register (address = 0x0F) [reset = 0x00]
Figure 74. Register Update Register (Self Clearing) [R/W]
7
6
5
4
3
2
1
0
Reserved
ADC-UPDATE
Reserved
UPDATE
R/W-All Zeros
R/W-0
R/W-All Zeros
R/W-0
Table 18. Register Update Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R/W
All zeros
Reserved for factory use
4
ADC-UPDATE
R/W
0
When set transfers the latest ADC and temperature conversion
data to the ADC and Temperature Data registers. This function
is needed when operating the ADC in auto-cycle mode
3-1
Reserved
R/W
All zeros
Reserved for factory use
0
DAC-UPDATE
R/W
0
DAC update (self clearing)
0: disabled
1: enabled – transfers data from buffers to active registers
(DAC registers only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com